Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL300-X006 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # IL300-X006
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300-X006 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button IL300-X006 Datasheet HTML 5Page - Vishay Siliconix IL300-X006 Datasheet HTML 6Page - Vishay Siliconix IL300-X006 Datasheet HTML 7Page - Vishay Siliconix IL300-X006 Datasheet HTML 8Page - Vishay Siliconix IL300-X006 Datasheet HTML 9Page - Vishay Siliconix IL300-X006 Datasheet HTML 10Page - Vishay Siliconix IL300-X006 Datasheet HTML 11Page - Vishay Siliconix IL300-X006 Datasheet HTML 12Page - Vishay Siliconix IL300-X006 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.5, 24-Mar-05
Vishay Semiconductors
www.vishay.com
9
The isolated amplifier provides the PWM control sig-
nal which is derived from the output supply voltage.
Figure 16 more closely shows the basic function of
the amplifier.
The control amplifier consists of a voltage divider and
a non-inverting unity gain stage. The TDA4918 data
sheet indicates that an input to the control amplifier is
a high quality operational amplifier that typically
requires a +3.0 V signal. Given this information, the
amplifier circuit topology shown in Figure 18 is
selected.
The power supply voltage is scaled by R1 and R2 so
that there is + 3.0 V at the non-inverting input (Va) of
U1. This voltage is offset by the voltage developed by
photocurrent flowing through R3. This photocurrent is
developed by the optical flux
created by current flowing through the LED. Thus as
the scaled monitor voltage (Va) varies it will cause a
change in the LED current necessary to satisfy the dif-
ferential voltage needed across R3 at the inverting
input.
The first step in the design procedure is to select the
value of R3 given the LED quiescent current (IFq) and
the servo gain (K1). For this design, IFq = 12 mA. Fig-
ure 4 shows the servo photocurrent at IFq is found to
be 100
µA. With this data R3 can be calculated.
For best input offset compensation at U1, R2 will
equal R3. The value of R1 can easily be calculated
from the following.
The value of R5 depends upon the IL300 Transfer
Gain (K3). K3 is targeted to be a unit gain device,
however to minimize the part to part Transfer Gain
variation, Infineon offers K3 graded into ± 5 % bins.
R5 can determined using the following equation,
Or if a unity gain amplifier is being designed (VMON-
ITOR = VOUT, R1 = 0), the equation simplifies to:
Figure 16. Isolated Control Amplifier
R3 =
Vb
IPI
=
3V
100
µA
=30K
17164
iil300_16
+
-
Voltage
Monitor
R1
R2
To Control
Input
ISO
AMP
+1
R1=R2
(
VMONITOR
Va
- 1
)
17165
R5 =
VOUT
VMONITOR
R3(R1 + R2)
R2K3
17166
R5 =
R3
K3
17190


Similar Part No. - IL300-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300-X006 VISHAY-IL300-X006 Datasheet
196Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.4, 26-Oct-04
More results

Similar Description - IL300-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
196Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.4, 26-Oct-04
IL300-F-X009T VISHAY-IL300-F-X009T Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.8, 02-Jun-14
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.7, 23-Sep-11
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
   wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
   Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
   Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com