Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMK508N10KDP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMK508N10KDP
Description  Bare Chip Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK508N10KDP Datasheet(HTML) 2 Page - Vishay Siliconix

  RMK508N10KDP Datasheet HTML 1Page - Vishay Siliconix RMK508N10KDP Datasheet HTML 2Page - Vishay Siliconix RMK508N10KDP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RMK 408N, 508N, 48N, 816N, 914N (CN)
Bare Chip Resistor Network
Vishay Sfernice
Document Number: 60053
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
31
,
RMK 408N
RMK 508N
RMK 48N
RMK 816N
RMK 914N
A
B
C
C
A
B
C
A
B
C
A
B
C
A
B
DIMENSIONS in millimeters
A
1.6 ± 0.1
B
2.6 ± 0.1
C
0.4 maximum
DIMENSIONS in millimeters
A
1.6 ± 0.1
B
2.6 ± 0.1
C
0.4 maximum
DIMENSIONS in millimeters
A
2.1 ± 0.1
B
2.1 ± 0.1
C
0.4 maximum
DIMENSIONS in millimeters
A
1.8 ± 0.1
B
3.5 ± 0.1
C
0.4 maximum
DIMENSIONS in millimeters
A
1.8 ± 0.1
B
3.5 ± 0.1
C
0.4 maximum
MECHANICAL SPECIFICATIONS
Resistive element
Nichrome
Substrate material
Silicon
Bonding pads
Alumina
Passivation
Silicon Nitride
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMK408N10KBW (preferred part number format)
GLOBAL MODEL
VALUE
ABS. TOLERANCE
RATIO TOLERANCE
OPTION
RMK408N
RMK508N
RMK816N
RMK714N
RMK914N
RMK48N
Decimal:
R or K
B = 0.1 %
C = 0.25 %
D = 0.5 %
W = 0.05 %
P = 0.02 %
L = 0.01 %
leave blank
if no option
For custom specification:
CN
1077
GLOBAL MODEL
REFERENCE
Historical Part Number example: RMK 408 N 10K 0.1 % abs 0.05 % ratio R0002 (will continue to be accepted)
RMK 408 N
10K
0.1 % abs 0.05 % ratio
R0002
HISTORICAL MODEL
VALUE
ABS. AND RATIO TOLERANCE
OPTION
K
408
N
1
0
K
B
M
R
W
0
002


Similar Part No. - RMK508N10KDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMK508N VISHAY-RMK508N Datasheet
70Kb / 2P
   STANDARD RESISTOR NETWORK CHIPS
Data sheet E 2/4.908
More results

Similar Description - RMK508N10KDP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
   Resistor/Capacitor Chip Network
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
logo
Bourns Electronic Solut...
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
   Bare Metal Element Resistor
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
   Bare Metal Element Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com