Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMK714N10RCP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMK714N10RCP
Description  Bare Chip Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK714N10RCP Datasheet(HTML) 1 Page - Vishay Siliconix

  RMK714N10RCP Datasheet HTML 1Page - Vishay Siliconix RMK714N10RCP Datasheet HTML 2Page - Vishay Siliconix RMK714N10RCP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bare Chip Resistor Network
RMK 408N, 508N, 48N, 816N, 914N (CN)
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60053
30
Revision: 06-Oct-08
Manufactured in ULTRAFILM technology, these resistor
network chips have a high level of integration, wide ohmic
value range, very low temperature coefficient 10 ppm/°C
which are unequaled on the market today. Laser trimming
can provide excellent precision down to 0.1 % abs 0.01 %
ratio.
FEATURES
• High precision tolerances down to 0.01 % Ratio
• Very low temperature coefficient: 10 ppm/°C abs.,
2 ppm/°C ratio
• Excellent stability < 300 ppm, 2000 h at Pn at
+ 70 °C
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATIC
Note:
(1) For 200 °C operations please consult factory
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TRACKING
TCR
5 ppm/°C
1 ppm/°C
ABS
RATIO
TOL.
0.1 %
0.01 %
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITION
SERIES
48N, 408N, 508N, 816N, 914N
TCR:
Tracking
± 1 ppm/°C typical/± 2 ppm/°C maximum
- 55 °C to + 125 °C
Absolute
± 10 ppm/°C maximum/± 5 ppm/°C maximum
- 55 °C to + 125 °C/0 °C to + 70 °C
Tolerance:
Ratio
± 0.05 %, ± 0.02 %, ± 0.01 %
Absolute
± 1.0 %, ± 0.5 %, ± 0.25 %, ± 0.1 %
Power rating:
(0 W at + 155 °C)
48N = 125 mW, others: 250 mW
at + 70 °C
48N = 50 mW, others: 125 mW
at + 125 °C
Stability
< 300 ppm
2000 h at + 70 °C under Pn
Voltage coefficient
< 0.1 ppm/V
Working voltage
100 V
Operating temperature range
- 55 °C to + 155 °C (1)
Storage temperature range
+ 70 °C
Noise
< - 35 dB
Thermal EMF
0.01 µV/°C
Shelf life stability
50 ppm
1 year at + 25 °C
RMK 408N
0.2
0.1
R
1
R
2
R
3
R
4
8
765
1234
RMK 508N
0.2
0.1
R
1
R
2
R
3
R
4
8
765
12
3
4
R
5
RMK 48N
0.4
0.1
R
1
R
2
R
3
R
4
8
76
5
1
23
4
RMK 816N
0.24
0.13
R
1
R
2
R
3
R
5
8
7
NC
NC
123
4
R
4
R
6 R7
R
8
9
10
6
5
11
12
13
14
RMK 914N
0.24
0.13
R
1
R
2
R
3
R
5
7
NC
R
4
R
6
R
7
R
8
1234
6
5
8
9
10
11
12
13
NC
14
R
9


Similar Part No. - RMK714N10RCP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RMK-10X19-A4 MACOM-RMK-10X19-A4 Datasheet
5Mb / 85P
   tyco electronics contents
RMK-10x19-A4 MACOM-RMK-10x19-A4 Datasheet
223Kb / 2P
   RMK Computer printable epoxy coated labels in a sheet form
RMK-10x19-A4 MACOM-RMK-10x19-A4 Datasheet
5Mb / 85P
   TMS-SCE Military grade heat shrinkable wire identification sleeves
RMK-11X40-A4 MACOM-RMK-11X40-A4 Datasheet
5Mb / 85P
   tyco electronics contents
RMK-11x40-A4 MACOM-RMK-11x40-A4 Datasheet
223Kb / 2P
   RMK Computer printable epoxy coated labels in a sheet form
More results

Similar Description - RMK714N10RCP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-RC1206LF-330K-470-M IRCTT-PCF-RC1206LF-330K-470-M Datasheet
107Kb / 1P
   Resistor/Capacitor Chip Network
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
WCA-WCC-08-04-102-F-P IRCTT-WCA-WCC-08-04-102-F-P Datasheet
325Kb / 2P
   Thickfilm Chip Array Resistor Network
logo
Bourns Electronic Solut...
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
   Bare Metal Element Resistor
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
   Bare Metal Element Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com