Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S07G
Description  Small Signal Fast Switching Diode, High Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07G Datasheet(HTML) 2 Page - Vishay Siliconix

  S07G Datasheet HTML 1Page - Vishay Siliconix S07G Datasheet HTML 2Page - Vishay Siliconix S07G Datasheet HTML 3Page - Vishay Siliconix S07G Datasheet HTML 4Page - Vishay Siliconix S07G Datasheet HTML 5Page - Vishay Siliconix S07G Datasheet HTML 6Page - Vishay Siliconix S07G Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85733
Rev. 1.8, 13-Apr-05
S07B / 07D / 07G / 07J / 07M
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Averaged over any 20 ms period
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
2) Mounted on epoxy substrate with 3 x 3 mm CU pads (
≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
3) Pulse test: 300
µ pulse width, 1 % duty cycle
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
S07B
VRRM
100
V
S07D
VRRM
200
V
S07G
VRRM
400
V
S07J
VRRM
600
V
S07M
VRRM
1000
V
Maximum RMS voltage
S07B
VRMS
70
V
S07D
VRMS
140
V
S07G
VRMS
280
V
S07J
VRMS
420
V
S07M
VRMS
700
V
Maximum DC blocking voltage
S07B
VDC
100
V
S07D
VDC
200
V
S07G
VDC
400
V
S07J
VDC
600
V
S07M
VDC
1000
V
Maximum average forward rectified current
Ttp = 75 °C
1)
IF(AV)
1.5
A
TA = 65 °C
1)
IF(AV)
0.7
A
Peak forward surge current 8.3 ms single
half sine-wave
TL = 25 °C
IFSM
25
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air2)
RthJA
180
K/W
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
1.0 A3)
VF
1.1
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
µA
TA = 125 °C
IR
50
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
1.8
µs
Typical capacitance at 4 V, MHz
Cj
4pF


Similar Part No. - S07G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07G BILIN-S07G Datasheet
122Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07G VISHAY-S07G Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07G VISHAY-S07G Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 2.0, 20-Aug-10
logo
Shenzhen Luguang Electr...
S07G LUGUANG-S07G Datasheet
208Kb / 3P
   Surface Mount Rectifiers
logo
Microdiode Electronics ...
S07G CHENDA-S07G Datasheet
593Kb / 2P
   SU RFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - S07G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B VISHAY-RS07B_08 Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com