Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTS060302B100R1K00PW00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTS060302B100R1K00PW00
Description  Platinum SMD Flat Chip Temperature Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS060302B100R1K00PW00 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTS060302B100R1K00PW00 Datasheet HTML 1Page - Vishay Siliconix PTS060302B100R1K00PW00 Datasheet HTML 2Page - Vishay Siliconix PTS060302B100R1K00PW00 Datasheet HTML 3Page - Vishay Siliconix PTS060302B100R1K00PW00 Datasheet HTML 4Page - Vishay Siliconix PTS060302B100R1K00PW00 Datasheet HTML 5Page - Vishay Siliconix PTS060302B100R1K00PW00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PTS Series - Pt-Sensors
Vishay Beyschlag
Document Number: 28762
For technical questions, contact: nlr.europe@vishay.com
www.vishay.com
Revision: 29-Jan-08
1
Platinum SMD Flat Chip
Temperature Sensor
PTS SMD Flat Chip Temperature sensors are the perfect
choice for temperature control of electronics operating under
varying environmental conditions. The highly controlled
platinum thin film manufacturing process guarantees an
outstanding stability of temperature characteristics which
ensures reliable operation even under harsh conditions.
Typical
applications
include
automotive,
aviation
and
industrial electronics.
FEATURES
• Specification according to IEC 60751
• Advanced thin film technology
• Short reaction times down to t
0.9 ≤ 2 s (in air)
• Outstanding stability of temperature characteristic
• Standard SMD sizes
• Green product, supports lead (Pb)-free soldering
APPLICATIONS
Temperature measurement in
• Automotive electronics
• Aviation electronics
• Industrial electronics
Note:
(1) Valid for sensor element only.
TECHNICAL SPECIFICATIONS
DESCRIPTION
PTS 0603
PTS 0805
PTS 1206
Resistance values
R0 at 0 °C
100
Ω
100
Ω, 500 Ω
100
Ω, 500 Ω, 1000 Ω
Temperature coefficient (0 °C ... + 100 °C)
+ 3850 ppm/K
Tolerance classes
B, 2B
Temperature range
- 55 °C to + 155 °C
Long term stability
ΔR
0/R0;
R0 change after 1000 h at + 155 °C
< ± 0.04 %
Insulation resistance
> 10 M
Ω
Measurement current
Imeas. (DC)
100
Ω
0.1 mA to 0.25 mA
0.1 mA to 1.0 mA
0.1 mA to 1.0 mA
500
Ω
-
0.1 mA to 0.25 mA
0.1 mA to 0.25 mA
1000
Ω
-
-
0.1 mA to 0.25 mA
Self-heating (1)
still air
(v = 0 m/s)
≤ 0.9 K/mW
≤ 0.8 K/mW
≤ 0.7 K/mW
Thermal response time (1)
flowing water
(v = 0.4 m/s)
t0.5 ≤ 0.1 s
t0.5 ≤ 0.2 s
t0.5 ≤ 0.3 s
t0.9 ≤ 0.2 s
t0.9 ≤ 0.3 s
t0.9 ≤ 0.4 s
flowing air
(v = 3.0 m/s)
t0.5 ≤ 1.0 s
t0.5 ≤ 1.5 s
t0.5 ≤ 2.0 s
t0.9 ≤ 2.0 s
t0.9 ≤ 3.0 s
t0.9 ≤ 5.0 s


Similar Part No. - PTS060302B100R1K00PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTS0603ATAU VISHAY-PTS0603ATAU Datasheet
581Kb / 5P
   Gold Terminated Platinum SMD Flat Chip Temperature Sensor
01-Jan-2022
More results

Similar Description - PTS060302B100R1K00PW00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTS VISHAY-PTS Datasheet
110Kb / 6P
   Platinum SMD Flat Chip Temperature Sensor
Revision: 08-Dec-15
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
   Gold Terminated Platinum SMD Flat Chip Temperature Sensor
01-Jan-2022
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
   Platinum Temperature Sensor
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
   Platinum Temperature Sensor
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
   Platinum Temperature Sensor
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
   Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
   Platinum Temperature Sensor SMD 1206 CPT 1000
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
   THIN-FILM PLATINUM TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com