Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS010 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RS010
Description  Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS010 Datasheet(HTML) 2 Page - Vishay Siliconix

  RS010 Datasheet HTML 1Page - Vishay Siliconix RS010 Datasheet HTML 2Page - Vishay Siliconix RS010 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
125
RS, NS
Vishay Dale
Document Number 30204
Revision 22-Mar-06
For technical questions, contact ww2bresistors@vishay.com
DIMENSIONS
Wirewound Resistors, Military, MIL-PRF-26 Qualified,
Type RW, Precision Power, Silicone Coated
GLOBAL
DIMENSIONS in inches [millimeters]
MODEL
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy, depending on
resistance value
Core: Ceramic, steatite or alumina, depending on physical size
Coating: Special high temperature silicone
Standard Terminals: 100 % Sn, or 60/40 Sn/Pb coated Copperweld®.
NOTE: Military "RW" parts are only available with 60/40 Sn/Pb finish.
End Caps: Stainless steel
Deviations for RS-1/8: Thermoset silicone molded construction,
endcaps will be nickel-silver alloy and terminals will be tinned copper
Part Marking: DALE, Model, Wattage*, Value,Tolerance, Date Code
C
D
A
1.50
[38.10]*
Min.
B
AB
C
D
(Max.)**
RS1/8
0.155 ± 0.015
0.065 ± 0.015
0.020 ± 0.002
[3.94 ± 0.381]
[1.65 ± 0.381]
[0.508 ± 0.051]
RS1/4
0.250 ± 0.031
0.281
0.085 ± 0.020
0.020 ± 0.002
[6.35 ± 0.787]
[7.14]
[2.16 ± 0.508]
[0.508 ± 0.051]
RS1/2
0.312 ± 0.016
0.328 0.078 + 0.016 - 0.031 0.020 ± 0.002
[7.92 ± 0.406]
[8.33] [1.98 + 0.406 - 0.787] [0.508 ± 0.051]
RS01A
0.406 ± 0.031
0.437
0.094 ± 0.031
0.020 ± 0.002
RS01A...300 [10.31 ± 0.787] [11.10]
[2.39 ± 0.787]
[0.508 ± 0.051]
RS01M
0.285 ± 0.025
0.311
0.110 ± 0.015
0.020 ± 0.002
[7.24 ± 0.635]
[7.90]
[2.79 ± 0.381]
[0.508 ± 0.051]
RS002
0.625 ± 0.062
0.765
0.250 ± 0.031
0.040 ± 0.002
[15.88 ± 1.57] [19.43]
[6.35 ± 0.787]
[1.02 ± 0.051]
RS02M
0.500 ± 0.062
0.562
0.185 ± 0.015
0.032 ± 0.002
[12.70 ± 1.57] [14.27]
[4.70 ± 0.381]
[0.813 ± 0.051]
RS02B
0.560 ± 0.062
0.622
0.187 ± 0.031
0.032 ± 0.002
RS02B...300 [14.22 ± 1.57] [15.80]
[4.75 ± 0.787]
[0.813 ± 0.051]
RS02C
0.500 ± 0.062
0.593
0.218 ± 0.031
0.040 ± 0.002
[12.70 ± 1.57] [15.06]
[5.54 ± 0.787]
[1.02 ± 0.051]
RS02C...17 0.500 ± 0.062
0.593
0.218 ± 0.031
0.032 ± 0.002
RS02C...23 [12.70 ± 1.57] [15.06]
[5.54 ± 0.787]
[0.813 ± 0.051]
0.875 ± 0.062
1.0
0.312 ± 0.031
0.040 ± 0.002
[22.23 ± 1.57]
[25.4]
[7.92 ± 0.787]
[1.02 ± 0.051]
RS007
1.22 ± 0.062
1.28
0.312 ± 0.031
0.040 ± 0.002
[30.99 ± 1.57] [32.51]
[7.92 ± 7.87]
[1.02 ± 0.051]
RS010
1.78 ± 0.062
1.87
0.375 ± 0.031
0.040 ± 0.002
RS010...39 [45.21 ± 1.57] [47.50]
[9.53 ± 0.787]
[1.02 ± 0.051]
RS010...38
1.78 ± 0.062
1.84
0.375 ± 0.031
0.040 ± 0.002
[45.21 ± 1.57] [46.74]
[9.53 ± 0.787]
[1.02 ± 0.051]
*On some standard reel pack methods, the leads may be trimmed to
a shorter length than shown.
NOTE: RS-1/8 terminal length will be 1.0" [25.4 mm] minimum.
**B (Max.) dimension is clean lead to clean lead.
NS NON-INDUCTIVE
Models of equivalent physical and electrical specifications are available
with non-inductive (Aryton-Perry) winding. They are identified by
substituting the letter N for R in the model number (NS-5, for example).
*Wattage marked on part will be "U" characteristic
-65 -50
0
50
150
250
350
AMBIENT TEMPERATURE IN
°C
Derating
120
100
80
60
40
20
0
CHAR. V
CHAR. U
25
RS005
RS005...69
RS005...70
*All ∆R figures shown are maximum, based upon testing requirements per MIL-PRF-26.
PERFORMANCE*
TEST
CONDITIONS OF TEST
TEST LIMITS
Characteristic U
Characteristic V
Thermal Shock
Rated power applied until thermally stable, then a min. of 15 minutes at - 55 °C
± (0.2 % + 0.05 Ω) ∆R ± (2.0 % + 0.05 Ω) ∆R
Short Time Overload
5 x rated power (3.75 watt and smaller), 10 x rated power (4 watt and larger) for 5 seconds
± (0.2 % + 0.05 Ω) ∆R ± (2.0 % + 0.05 Ω) ∆R
Dielectric Withstanding Voltage 500 minimum for RS-1/8 thru RS-1A, 1000 for all others, duration of 1 minute
± (0.1 % + 0.05 Ω) ∆R ± (0.1 % + 0.05 Ω) ∆R
Low Temperature Storage
- 65 °C for 24 hours
± (0.2 % + 0.05 Ω) ∆R ± (2.0 % + 0.05 Ω) ∆R
High Temperature Exposure
250 hours at: U = + 250 °C, V = + 350 °C
± (0.5 % + 0.05 Ω) ∆R ± (2.0 % + 0.05 Ω) ∆R
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.05 Ω) ∆R ± (2.0 % + 0.05 Ω) ∆R
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 milliseconds, 10 shocks
± (0.1 % + 0.05 Ω) ∆R ± (0.2 % + 0.05 Ω) ∆R
Vibration, High Frequency
Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 hours each
± (0.1 % + 0.05 Ω) ∆R ± (0.2 % + 0.05 Ω) ∆R
Load Life
2000 hours at rated power, + 25 °C, 1.5 hours “ON”, 0.5 hours “OFF”
± (0.5 % + 0.05 Ω) ∆R ± (3.0 % + 0.05 Ω) ∆R
5 to 10 sec., 5 or 10 lb pull test (depending on size),
torsion test - 3 alternating directions, 360° each
Terminal Strength
± (0.1 % + 0.05 Ω) ∆R ± (1.0 % + 0.05 Ω) ∆R
PARAMETER
UNIT
RS RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 90 for below 1 Ω, ± 50 for 1 Ω to 9.9 Ω, ± 20 for 10 Ω and above
Dielectric Withstanding Voltage
VAC
500 minimum for RS-1/8 thru RS-1A, 1000 minimum for all others
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
1000 Megohm minimum dry, 100 Megohm minimum after moisture test
Terminal Strength
lb
5 minimum for RS-1/8 thru RS-1A, 10 minimum for all others
Solderability
MIL-PRF-26 type - Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
Characterisitic U = - 65/+ 250, Characteristic V = - 65/+ 350
TECHNICAL SPECIFICATIONS
Two conditions apply:
1. For NS models, divide maximum resistance values by two
2. Body O.D. on NS-2C may exceed that of the RS-2C by 010"


Similar Part No. - RS010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
logo
Solid States Devices, I...
RS0103 SSDI-RS0103 Datasheet
149Kb / 2P
   SCHOTTKY RECTIFIER
RS0103 SSDI-RS0103_15 Datasheet
149Kb / 2P
   SCHOTTKY RECTIFIER
RS0105 SSDI-RS0105 Datasheet
179Kb / 2P
   SCHOTTKY RECTIFIER
RS0105 SSDI-RS0105_15 Datasheet
179Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
RH005 VISHAY-RH005 Datasheet
221Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 11-Jul-07
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
RE60G VISHAY-RE60G Datasheet
186Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 04-Sep-2019
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-May-13
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 11-Nov-15
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com