Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT100
Description  Wirewound Rheostat/Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT100 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT100 Datasheet HTML 1Page - Vishay Siliconix RT100 Datasheet HTML 2Page - Vishay Siliconix RT100 Datasheet HTML 3Page - Vishay Siliconix RT100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50028
88
Revision: 24-Sep-08
RT100
Vishay Sfernice
Wirewound Rheostat/Potentiometer
LOCKING DEVICE
Supplied as an option the spindle locking device can only be
fitted to units with control mounting and locating peg.
The part A is removed (see drawing).
The available spindle length is according to the panel
thickness.
Order reference: DBA6.
For any special requirement on request: spindle flats, etc.
Please supply detailed drawing.
MARKING
SFERNICE trademark, series, style, ohmic value (in
Ω or kΩ), tolerance (in %), maximum current in A, manufacturing date
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE mm
SCREW DRIVER
SLOT
CODE
6
22
WITHOUT
AD
WITH
ADF
25
WITH
ASF
WITHOUT
AL
6
50
WITHOUT
AS
PANEL CUT OUT DETAILS
Ø 4.5
Ø 10.5
12.5 ± 0.5
1 ± 0.2
2 tightening screws
spanner n¡ 14
max. panel
thickness 6.5
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
Ω
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
mA
110
10
1.5
12..2
8.16
2.2
14.8
6.74
3.3
18.2
5.50
4.7
21.7
4.61
6.8
26.1
3.84
10
31.6
3.16
15
38.7
2.58
22
46.9
2.13
33
57.4
1.74
47
68.6
1.46
68
82.5
1.2
100
100
1
150
122
0.816
220
148
0.674
330
182
0.550
470
217
0.461
680
261
0.384
1K
316
0.316
1.5K
387
0.258
2.2K
469
0.213
3.3K
574
0.174
4.7K
686
0.146
6.8K
825
0.121
10K
850
0.085
15K
850
0.057
COMMAND KNOB 41JF (OPTION)
18
21
Ø 6
Ø 56
DIAL CG78 (OPTION)
4 holes Ø 3.5
Ø 12
5
6
7
8
9
10
0
1
2
3
4
78
65
2 holes Ø 4.5
78
65
47


Similar Part No. - RT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT100 VISHAY-RT100 Datasheet
119Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Microsemi Corporation
RT100KP100A MICROSEMI-RT100KP100A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
New Jersey Semi-Conduct...
RT100KP100A NJSEMI-RT100KP100A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
RT100KP100A ETC2-RT100KP100A Datasheet
277Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - RT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com