Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSN2-T Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # LSN2-T
Description  DOSA-SIP, 30A POL DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button LSN2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN2-T/30-D12 Series.B15 Page 10 of 17
Figure 12 shows two POLs with different slew rates in order to reach differ-
ing final voltages at about the same time.
Operation
To use the Sequence pin after power start-up stabilizes, apply a rising external
voltage to the Sequence input. As the voltage rises, the output voltage will
track the Sequence input (gain = 1). The output voltage will stop rising when it
reaches the normal set point for the converter. The Sequence input may option-
ally continue to rise without any effect on the output. Keep the Sequence input
voltage below the converter’s input supply voltage.
Use a similar strategy on power down. The output voltage will stay constant
until the Sequence input falls below the set point.
Any strategy may be used to deliver the power up/down ramps. The circuits
below show simple RC networks but you may also use operational amplifiers,
D/A converters, etc.
Circuits
The circuits shown in Figures 5 through 13 introduce several concepts when
using these Sequencing controls on Point-of-Load (POL) converters. These
circuits are only for reference and are not intended as final designs ready for
your application. Also, numerous connections are omitted for clarity.
Figure 10 shows a basic Master (POL A) and Slave (POL B) connected so that
the POL B ramps up identically to POL A as shown in timing diagram Figure 6.
RC network R1 and C1 charge up at a rate set by the R1-C1 time constant,
giving a roughly linear ramp. As POL A reaches 3.3V out (the setpoint of POL B),
POL B will stop rising. POL A then continues rising until it reaches 5V.
R1 should be selected so that it is significantly smaller than the internal
bias current resistor from the Sequence pin. Start with a value of 20 Kilohms.
In Figure 10, we assume that the critical phase is only on power up therefore
there is no provision for ramped power down.
Figure 11 shows a single POL and the same RC network. However we have
added a small FET at Q1 to function as an up/down control. When VIN power is
first applied to the POL, Q1 is biased on, shorting out the Sequence pin. When
Q1’s gate is biased off, R1 now charges C1 and the POL’s output now ramps up
at the R1-C1 slew rate. Note that Q1’s gate would typically be controlled from
some external digital logic.
If you wish to have a ramped power down (rather than a step down), add a
small resistor in series with Q1’s drain.
Figure 12 shows both a RC ramp on Master POL A and a proportional track-
ing divider (R2 and R3) on POL B. We have also added an optional very small
noise filter cap at C2. Figure 12’s circuit corresponds roughly to Figure 7’s
timing for power up.
Guidelines for Sequence/Track Applications
[1] Leave the converter’s On/Off Enable control (if installed) in the On setting.
Normally, you should just leave the On/Off pin open.
[2] Allow the converter to stabilize (typically less than 20 mS after +VIN power
on) before raising the Sequence input. Also, if you wish to have a ramped
power down, leave +VIN powered all during the down ramp. Do not simply
shut off power.
[3] If you do not plan to use the Sequence/Track pin, leave it open.
[4] Observe the Output slew rate relative to the Sequence input. A rough
guide is 2 Volts per millisecond maximum slew rate. If you exceed this
slew rate on the Sequence pin, the converter will simply ramp up at
it’s maximum output slew rate (and will not necessarily track the faster
Sequence input). The reason to carefully consider the slew rate limitation
is in case you want two different POL’s to precisely track each other.
[5] Be aware of the input characteristics of the Sequence pin. The high input
impedance affects the time constant of any small external ramp capacitor.
And the bias current will slowly charge up any external caps over time
if they are not grounded. The internal pull up resistor to +VIN is typically
400 Kilohms to 1 Megohm.
Notice in the simplified Sequence/Track equivalent circuit (Figure 13) that
a blocking diode effectively disconnects this circuit when the Sequence/
Track pin is left open.
[6] Allow the converter to eventually achieve its full rated setpoint output volt-
age. Do not remain in ramp up/down mode indefinitely. The converter is
characterized and meets all its specifications only at the setpoint voltage
(plus or minus any trim voltage). During the ramp-up phase, the converter
is not considered fully in regulation. This may affect performance with
excessive high current loads at turn-on.
[7] The Sequence is a sensitive input into the feedback control loop of the
converter. Avoid noise and long leads on this input. Keep all wiring very
short. Use shielding if necessary.
[8] If one converter is slaving to another master converter, there will be a very
short phase lag between the two converters. This can usually be ignored.
[9] You may connect two or more Sequence inputs in parallel from two con-
verters. Be aware of the increasing pull-up bias current and reduced input
impedance.
[10] Any external capacitance added to the converter’s output may affect ramp
up/down times and ramp tracking accuracy.


Similar Part No. - LSN2-T

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LSN2-T/10-C CANDD-LSN2-T/10-C Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2-T/10-D12 CANDD-LSN2-T/10-D12 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Manufacturing Co...
LSN2-T/10-D12 MURATA-LSN2-T/10-D12 Datasheet
293Kb / 15P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
C&D Technologies
LSN2-T/10-W3 CANDD-LSN2-T/10-W3 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Manufacturing Co...
LSN2-T/10-W3 MURATA-LSN2-T/10-W3 Datasheet
293Kb / 15P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results

Similar Description - LSN2-T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
logo
C&D Technologies
LSN2 CANDD-LSN2 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com