Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RS92N Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. RS92N
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

RS92N Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RS92N, RS92NA, AN
Vishay Foil Resistors High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.01 % and Load Life Stability
of ± 0.005 % CECC Qualified
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63138
4
Revision: 03-Nov-08
Note
* For non-standard requests, please contact application engineering.
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y144280K5000T0L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
M = M
Ω
0 = standard
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1442 = RS92N
1687 = RS92NA
1688 = AN
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1442 80K5000 T 0 L:
TYPE: RS92N
VALUE: 80.5 k
Ω
ABSOLUTE TOLERANCE: ± 0.01 %
TERMINATION: standard
PACKAGING: bulk pack
HISTORICAL PART NUMBER: RS92N 250R00 T B (will continue to be used)
RS92N
250R00
T
B
MODEL
TERMINATION
RESISTANCE VALUE
TOLERANCE
PACKAGING
RS92N
RS92NA
AN
None = tin/lead alloy
250R00 = 250.00
Ω
5K2310 = 5.231 k
Ω
1M000 = 1 M
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk pack
44
28
K
5
0
0
Y1
T0
0
L
0


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VSMHigh Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % 100 ppm 1 2 3 4 Vishay Siliconix
VSHBulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life 1 2 3 4 Vishay Siliconix
E102High Precision Bulk Metal® Foil Extended Value Range Resistor with TCR of 2 ppm/°C Tolerance to 0.005 % and Power Rated at 0.6 W 1 2 3 Vishay Siliconix
VCS1625High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.02 % 1 2 3 4 Vishay Siliconix
VPR220ZUltra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C Tolerance to ± 0.01 % and Power Rating to 8 W 1 2 3 4 Vishay Siliconix
VRMBulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 % 1 2 3 Vishay Siliconix
Z202Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % 1 2 3 4 Vishay Siliconix
VPR220_08Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/°C of Tolerance of to ± 0.01 % and Power Rating to 8 W 1 2 3 4 Vishay Siliconix
Z201_07Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power Tolerance of ± 0.005 % 1 2 3 4 5 Vishay Siliconix
VHP100Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn