Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS92N Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. RS92N
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS92N Datasheet(HTML) 3 Page - Vishay Siliconix

  RS92N Datasheet HTML 1Page - Vishay Siliconix RS92N Datasheet HTML 2Page - Vishay Siliconix RS92N Datasheet HTML 3Page - Vishay Siliconix RS92N Datasheet HTML 4Page - Vishay Siliconix RS92N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63138
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 03-Nov-08
3
RS92N, RS92NA, AN
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.01 % and Load Life Stability
of ± 0.005 % CECC Qualified
Vishay Foil Resistors
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS
Note
1. The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit
after all soldering processes.
MODEL
DIM.
LS
W
L
H
ST
LL
WEIGHT
NOMINAL
RS92NA
mm
3.81 ± 0.13
2.50 max.
7.50 max.
8.00 max.
0.254 min.
25.4 min.
0.6 g
RS92N
mm
5.08 ± 0.076
2.50 max.
7.50 max.
8.00 max.
0.254 min.
25.4 min.
0.6 g
AN
mm
5.08 ± 0.076
2.50 max.
7.50 max.
8.00 max.
0.254 min.
25.4 min.
0.6 g
FIGURE 2 - TRIMMING TO VALUES (Conceptual Illustration)
LS
Model Number
VISHAY
XXXX
RS92
ST
1)
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01 %
LL
SW
10
Week
01
Year
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - POWER RATING CHART
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
+ 70 °C
+ 155 °C
FIGURE 4 -FOIL RESISTOR TCR
IN MILITARY RANGE
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
- 55
C Alloy
2 ppm/°C
2 ppm/
°C
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
R
R
(ppm)
Temperature (°C)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VSMHigh Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % 100 ppm 1 2 3 4 Vishay Siliconix
VSHBulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life 1 2 3 4 Vishay Siliconix
E102High Precision Bulk Metal® Foil Extended Value Range Resistor with TCR of 2 ppm/°C Tolerance to 0.005 % and Power Rated at 0.6 W 1 2 3 Vishay Siliconix
VCS1625High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.02 % 1 2 3 4 Vishay Siliconix
VPR220ZUltra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C Tolerance to ± 0.01 % and Power Rating to 8 W 1 2 3 4 Vishay Siliconix
VRMBulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 % 1 2 3 Vishay Siliconix
Z202Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % 1 2 3 4 Vishay Siliconix
VPR220_08Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/°C of Tolerance of to ± 0.01 % and Power Rating to 8 W 1 2 3 4 Vishay Siliconix
Z201_07Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power Tolerance of ± 0.005 % 1 2 3 4 5 Vishay Siliconix
VHP100Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn