Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMK55N Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. RMK55N
Description  Single Value Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK55N Datasheet(HTML) 2 Page - Vishay Siliconix

  RMK55N Datasheet HTML 1Page - Vishay Siliconix RMK55N Datasheet HTML 2Page - Vishay Siliconix RMK55N Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RMK 55N, 515N
Single Value Chip Resistors
Vishay Sfernice
Document Number: 60071
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
33
DIMENSIONS
RMK 515N
Bonding Pad
F
G
HH
G
B
E
RMK 55N
AB
E
D
C
DIMENSION
INCHES
MILLIMETERS
A
0.050
1.27
B
0.015 maximum
0.4 maximum
C
0.005
0.12
D
0.010
0.27
E
0.050
1.27
F
0.150
3.81
G
0.015
0.40
H
0.023
0.60
MECHANICAL SPECIFICATIONS
Resistive element
Nichrome
Passivation
Silicon Nitride
Substrate material
Silicon
Bonding pads
Aluminum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMK55N10KB0002 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
OPTION
RMK55N
RMK515N
Decimal
R, K or M
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
leave blank if no option
Historical Part Number example: RMK 55N 10K 0.1 % R0002 (will continue to be accepted)
RMK 55N
10K
0.1 %
R0002
HISTORICAL MODEL
VALUE
TOLERANCE
OPTION
5N
1
0
B
0
2
K
R
5
M
K0
0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RMK22N Single Value Chip Resistors 1  2  3  Vishay Siliconix
CS22 Single Value Chip Resistor 1  2  3  Vishay Siliconix
CS33_08 Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
RSK33N Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
TA22_08 Single Value Chip Resistor 1  2  3  Vishay Siliconix
LRCS SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1  2  Welwyn Components Limited
TA33_08 Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
LRF3W Low Value 3W Chip Resistors 1  2  3  Welwyn Components Limited
RL3720 low resistance value chip resistors with long-side electrodes for high-precision current detection. 1  List of Unclassifed Manufacturers
RMK33N_08 Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn