Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMK22N Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. RMK22N
Description  Single Value Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK22N Datasheet(HTML) 2 Page - Vishay Siliconix

  RMK22N Datasheet HTML 1Page - Vishay Siliconix RMK22N Datasheet HTML 2Page - Vishay Siliconix RMK22N Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RMK 22N
Single Value Chip Resistors
Vishay Sfernice
Document Number: 60064
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
27
DIMENSIONS
B
A
D
C
E
DIMENSION
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.021
0.022
0.54
0.56
B
0.021
0.022
0.54
0.56
C
0.004
0.10
D
0.004
0.10
E
0.158
0.40
MECHANICAL SPECIFICATIONS
Resistive element
Nichrome
Passivation
Silicon Nitride
Substrate material
Silicon
Bonding pads
Aluminum
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RMK22N100KD0016 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
OPTION
Decimal
R, K or M
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
leave blank
if no option
Historical Part Number example: RMK 22N 100K 0.5 % R0016 (will continue to be accepted)
RMK 22N
100K
0.5 %
R0016
HISTORICAL MODEL
VALUE
TOLERANCE
OPTION
2
100
D
0
6
K
R
2
M
01
N
K


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS22 Single Value Chip Resistor 1  2  3  Vishay Siliconix
CS33_08 Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
RSK33N Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
TA22_08 Single Value Chip Resistor 1  2  3  Vishay Siliconix
LRCS SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS 1  2  Welwyn Components Limited
TA33_08 Dual Value Chip Resistors Center Tap 1  2  3  Vishay Siliconix
LRF3W Low Value 3W Chip Resistors 1  2  3  Welwyn Components Limited
RL3720 low resistance value chip resistors with long-side electrodes for high-precision current detection. 1  List of Unclassifed Manufacturers
TA22 Single Value Chip Resistor 1  2  3  Vishay Siliconix
STV223XD I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn