Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RDX
Description  Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDX Datasheet(HTML) 2 Page - Vishay Siliconix

  RDX Datasheet HTML 1Page - Vishay Siliconix RDX Datasheet HTML 2Page - Vishay Siliconix RDX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31034
2
Revision: 19-Nov-10
RDX
Vishay Dale
Metal Oxide Resistors, Special
Purpose, High Voltage, Ratio Divider
Note
(1) See ROX for dimensions
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
ELEMENT CONFIGURATION (1)
LENGTH MAXIMUM
DIAMETER MAXIMUM
RDX2
ROX100, ROX100
2.620 (66.55)
0.325 (8.26)
RDX3
ROX200, ROX100
3.570 (90.70)
0.325 (8.26)
RDX4
ROX300, ROX100
4.570 (116.10)
0.325 (8.26)
RDX5
ROX400, ROX100
5.570 (141.50)
0.325 (8.26)
RDX6
ROX500, ROX100
6.570 (166.90)
0.325 (8.26)
RDX7
ROX600, ROX100
7.570 (192.30)
0.325 (8.26)
MARKING
- Dale
- Model
- Value
- Ratio
- Date code


Similar Part No. - RDX

ManufacturerPart #DatasheetDescription
logo
Rohm
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX045N60 ROHM-RDX045N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX060N60 ROHM-RDX060N60 Datasheet
68Kb / 3P
   10V DRIVE NCH MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
More results

Similar Description - RDX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNX0381M00FKEL VISHAY-RNX0381M00FKEL Datasheet
88Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
RNX VISHAY-RNX Datasheet
82Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
ROX VISHAY-ROX Datasheet
168Kb / 5P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 23-Dec-14
RJU VISHAY-RJU Datasheet
95Kb / 3P
   Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
Revision 09-Sep-04
HVW VISHAY-HVW Datasheet
78Kb / 3P
   Metal Alloy Resistors, Special Purpose, High Voltage
Revision: 21-Aug-06
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
   METAL OXIDE RESISTORS
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
   Metal Film Resistors, Special Purpose, Fusible, Flameproof
Revision: 14-May14
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com