Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RCKHR02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. RCKHR02
Description  High Precision Bulk Metal® Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

RCKHR02 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCK HR 02, 02A
Vishay Foil Resistors
High Precision Bulk Metal® Foil with Tolerance of
± 0.005 % and Qualified to ESA Specification 4001/011
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63132
2
Revision: 17-Nov-08
POWER RATING CHART
ELECTRICAL SPECIFICATIONS
VISHAY SFERNICE DESIGNATION
RCK HR
Qualified Designation
RNC 90
ESA Specification
4001/011
Power Rating at + 70 °C
0.5 W
Limiting Element Voltage
300 V
Temperature Coefficient
± 5 ppm/°C (- 55 °C + 125 °C, + 25 °C ref.)
± 10 ppm/°C (+ 125 °C to + 175 °C)
Ohmic Value Range
33
Ω to 100 kΩ available range
50
Ω to 100 kΩ qualified range
Tolerance
± 0.005 % to ± 1 % available range
± 0.02 % to ± 1 % qualified range
Temperature Limits
- 55 °C to + 175 °C
Dielectric Voltage
425 VRMS
Soldering Temperature
260 °C, immersion 10 s
at a distance of no less than 1.6 mm from the device body
TYPICAL PERFORMANCE SPECIFICATIONS
TESTS
CONDITIONS
REQUIREMENTS
ESA/SCC 4001/11
TYPICAL VALUES
AND DRIFTS
Short Time Overload
U =
U max. < 450 V
± (0.05 + (0.01
Ω x 100)) % R
n
± 0.002 %
Rapid Temperature Change
- 55 °C/+ 175 °C 5 cycles
IEC 60068-2-14 test Na
± (0.05 + (0.01
Ω x 100)) % R
n
± 0.002 %
Terminal Strength
IEC 60068-2-21
test Ua, test U21 (tensile)
± (0.002 + (0.01
Ω x 100)) % R
n
± 0.001 %
Soldering (Thermal Shock)
260 °C/10 s
IEC 60068-2-20 A test Tb (met. 1A)
± (0.002 + (0.01
Ω x 100)) % R
n
± 0.002 %
Vibration
10 Hz to 2000 Hz
1.5 mm or 20 g 6 h (met. B4)
IEC 60068-2-6 test Fc
± (0.002 + (0.01
Ω x 100)) % R
n
± 0.002 %
Humidity (Steady State)
56 days 95 % H.R. 40 °C
IEC 60068-2-3
N/a
± 0.003 %
Insulation resistance > 104 M
Ω
Climatic Sequence
IEC 60068-2-2/IEC 60068-2-30
IEC 60068-2-1/IEC 60068-2-13
± (0.05 + (0.01
Ω x 100)) % R
n
± 0.003 %
Insulation resistance > 104 M
Ω
Load Life
1000 h Pn at + 70 °C
90‘/30’ cycle
± (0.05 + (0.01
Ω x 100)) % R
n
± 0.005 %
High Temperature Exposure
1000 h at + 175 °C
IEC 60068-2-20A Test B
± (0.05 + (0.01
Ω x 100)) % R
n
± 0.01 %
2R
n
5 s
0.5
0.3
0.1
0
0
50
70
100
125
175
AMBIENT TEMPERATURE IN °C


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
E102High Precision Bulk Metal® Foil Extended Value Range Resistor with TCR of 2 ppm/°C Tolerance to 0.005 % and Power Rated at 0.6 W 1 2 3 Vishay Siliconix
VSHBulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life 1 2 3 4 Vishay Siliconix
VHP100Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance 1 2 3 4 Vishay Siliconix
VCS301Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 % 1 2 3 4 Vishay Siliconix
VRMBulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 % 1 2 3 Vishay Siliconix
VSRBulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 % 1 2 3 4 Vishay Siliconix
300144_07High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % 50 ppm 1 2 3 4 5 Vishay Siliconix
VHD200Bulk Metal® Foil Hermetically sealed Small Package Voltage Dividers with TCR Tracking of 0.1 ppm/°C and Tolerance Match down to 0.001 % 1 2 3 4 5 Vaishali Semiconductor
200Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 1 2 3 4 Vishay Siliconix
VFP-3Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C Tolerance to ± 0.01 % and power up to 10 Watts 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn