Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP3220SAB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TIP3220SAB
Description  Infrared Touch Panels
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP3220SAB Datasheet(HTML) 3 Page - Vishay Siliconix

  TIP3220SAB Datasheet HTML 1Page - Vishay Siliconix TIP3220SAB Datasheet HTML 2Page - Vishay Siliconix TIP3220SAB Datasheet HTML 3Page - Vishay Siliconix TIP3220SAB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 37025
Revision 05-Dec-00
www.vishay.com
4
TIP
Vishay Dale
TIP 3220 with Planar 640 x 400 Display
DIMENSIONS in inches [millimeters]
Contact Factory for Models not Shown.
Note: Detail A shows Display and Touch
Panel Assembly after installation to
customer's front panel.
Bezel
Customer's
Front Panel
TIP 3220 with Sharp 640 x 400 Display
Locking Screw
Locking Screw
Touch Panel Controller
Finlux Display
Gasket
Touch Frame
Assembly
2.14
[54.36]
Max.
3.544
[90.02]
Ref.
6.00
[152.40]
Max.
TIP 3216 with Finlux 512 x 256 Display
10.0
[254.0]
Ref.
10.236
[259.99]
Ref.
Detail A
Sharp Display Assembly
Touch Panel Controller
Gasket
Touch Frame
Assembly
Mounting Hardware
2.32
[58.93] Max.
7.06
[179.32]
Max.
9.86
[250.44]
MAX.
Display DC/DC Converter
Touch Panel Controller
Planar Display
Assembly
Touch Frame
Assembly
Gasket
10.60
[269.24]
Max.
7.06
[179.32]
Max.
2.00 [50.80]
Max.


Similar Part No. - TIP3220SAB

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32 MOSPEC-TIP32 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Inchange Semiconductor ...
TIP32 ISC-TIP32 Datasheet
162Kb / 4P
   Silicon PNP Power Transistors
logo
Jiangsu Changjiang Elec...
TIP32 JIANGSU-TIP32 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Power Innovations Ltd
TIP32 POINN-TIP32 Datasheet
86Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
TIP32 SECOS-TIP32 Datasheet
349Kb / 3P
   PNP Plastic-Encapsulate Transistor
More results

Similar Description - TIP3220SAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
   Infrared Touch Panels
Revision 05-Dec-00
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
   Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
logo
PHOENIX CONTACT
7313 PHOENIX-7313 Datasheet
355Kb / 17P
   Touch panels with STN/FSTN or TFT display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com