Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE60MEGBW204ML Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PE60MEGBW204ML
Description  Power Panel Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE60MEGBW204ML Datasheet(HTML) 2 Page - Vishay Siliconix

  PE60MEGBW204ML Datasheet HTML 1Page - Vishay Siliconix PE60MEGBW204ML Datasheet HTML 2Page - Vishay Siliconix PE60MEGBW204ML Datasheet HTML 3Page - Vishay Siliconix PE60MEGBW204ML Datasheet HTML 4Page - Vishay Siliconix PE60MEGBW204ML Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PE60
Power Panel Potentiometer
Vishay Sfernice
Document Number: 51005
For technical questions, contact: sfer@vishay.com
See also: Application notes
www.vishay.com
Revision: 05-Jun-08
135
SPECIAL FEATURES
COMMAND SHAFT
Length is measured from the mounting surface to the free
end of the shaft. The screwdriver slot is aligned with the
wiper within ± 10°. Special shafts are available, in
accordance to drawings supplied by customers. We
recommend that customers should not machine shafts, in
order to avoid damage.
PANEL SEALING: PE60M
The panel sealing device consists of a ring located in a slot
on the potentiometer face. Sealing is obtained by tightening
the ring against the panel when mounting the potentiometer.
SHAFT LOCKING: DBAN
The shaft locking device consists of a tapered nut tightening
a slotted notched washer against both bushing and shaft.
DBAN tightening torque is 200 Ncm, shaft locking torque
being 30 Ncm.
DBAN is also available with all special types.
This device is normally supplied in a separate bag. Can be
pre-mounted on request.
LOCATING PEG: LPRP
Location is obtained by fitting a special washer on the
potentiometer face. The peg can therefore be positioned at
90°, 180°, 270° and 360°.
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
3 typical
End Stop Torque (max. Ncm)
70
Max Tightening Torque
of Mounting Nut (Ncm)
250
Unit Weight (max. g)
25 to 35
POWER RATING CHART
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/56
Sealing
fully sealed
container IP67
RESISTANCE LAWS
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range
Linear Law
1
Ω to 1 MΩ
Logarithmic Laws
100
Ω to 2.2 MΩ
Standard series E3
1 - 2 - 2.5 - 5
Tolerance
Standard
± 20 %
On Request
± 10 % - ± 5 %
Power Rating
Linear
6 W at + 50 °C
Logarithmic
3 W at + 50 °C
Temperature Coefficient
see Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
350 V
Contact Resistance Variation (Linear Law)
3 % Rn or 0.5
Ω
End Resistance (Typical)
0.5
Ω or 1 %
Dielectric Strength (RMS)
2500 V
Insulation Resistance (500 VDC)
106 M
Ω
0
40
140
125
3
0
AMBIENT TEMPERATURE IN °C
70
60
20
100
80
LIN. LAW “A”
LOG. LAWS “L & F”
6
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A


Similar Part No. - PE60MEGBW204ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60MEFDW204MA VISHAY-PE60MEFDW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204MF VISHAY-PE60MEFDW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204ML VISHAY-PE60MEFDW204ML Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MA VISHAY-PE60MEFJW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MF VISHAY-PE60MEFJW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
More results

Similar Description - PE60MEGBW204ML

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
logo
TT Electronics.
P090 TTELEC-P090 Datasheet
546Kb / 3P
   Panel Potentiometer
P08X TTELEC-P08X Datasheet
1Mb / 7P
   Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
   12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com