Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFP1612MJD05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DFP1612MJD05
Description  Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFP1612MJD05 Datasheet(HTML) 2 Page - Vishay Siliconix

  DFP1612MJD05 Datasheet HTML 1Page - Vishay Siliconix DFP1612MJD05 Datasheet HTML 2Page - Vishay Siliconix DFP1612MJD05 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31513
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 08-Sep-04
329
DFP
Thick Film Resistor Networks
Flat Pack, 11, 12 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
GLOBAL MODEL
DIMENSION A
DFP14
0.037 ± 0.010 [0.94 ± 0.25]
DFP16
0.012 ± 0.010 [0.30 ± 0.25]
Pin #1
0.050
[1.27]
Typ.
0.019 ± 0.006
[0.48 ± 0.15]
0.265 [6.73] Max.
0.365 [9.27] Min.
0.385 [9.78] Max.
0.250 [6.35]
Min.
0.250 [6.35]
Min.
0.065
[1.65]
Max.
0.825 [20.96]
Max.
0.005 + 0.004
- 0.002
[0.127 + 0.102
- 0.051]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
DFP14/16
Isolation Resistance 11 Schematic
M
Ω
> 100
Voltage Coefficient of Resistance
ppm/V
< 50 typical
Maximum Operating Voltage
VDC
75
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking
Model number, schematic number, value
tolerance, pin 1 indicator, date code.
Marking Resistance
to Solvents
Permanency
testing
per
MIL-STD-202
Method 215.
Solderability
Per MIL-STD-202, Method 208E.
Terminals
Per MIL-STD-1276 DFPxx11, DFPxx12 =
Type G (hot solder dipped). Hot solder
dipped leads supplied as standard finish.
Body
Epoxy filled ceramic sandwich
11 Schematic
Derating
- 55
+ 25
+ 70
+ 125 + 150
0.65
0.50
0.25
Ambient Temperature °C
Package
Single Resistor
12 Schematic
- 55
+ 25
+ 70
+ 125 + 150
0.65
0.50
0.15
Package
Single Resistor
Derating
Ambient Temperature °C
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 hours “ON” and 0.5 hour “OFF”
for 100 hours ± 4 hours at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage, 5 seconds
± 0.25 %
ΔR
Low Temperature Operation
45 minutes at full rated working voltage at - 65 °C
± 0.25 %
ΔR
Moisture Resistance
240 hours with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °
ΔC solder to within 1/16" of body for 10 seconds
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 g's
± 0.25 %
ΔR
Vibration
12 hours at maximum of 20 g's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 hours at + 70 °C, rated power applied 1.5 hours “ON”, 0.5 hour “OFF”
for full 1000 hour period. Derated according to the curve.
± 0.50 %
ΔR
Terminal Strength
1.5 pound pull for 30 seconds
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
-
Dielectric Withstanding
Voltage
No evidence of arcing or damage (200 V RMS for 1 minute)
-


Similar Part No. - DFP1612MJD05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP1612 VISHAY-DFP1612 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
More results

Similar Description - DFP1612MJD05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
Vishay Siliconix
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
KOA Speer Electronics, ...
MRGF16 KOA-MRGF16 Datasheet
267Kb / 2P
   mini flat package type thick film resistor networks
MRGF16WTTE102J KOA-MRGF16WTTE102J Datasheet
265Kb / 2P
   mini flat package type thick film resistor networks
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com