Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMF1020 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSMF1020
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF1020 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSMF1020 Datasheet HTML 1Page - Vishay Siliconix TSMF1020 Datasheet HTML 2Page - Vishay Siliconix TSMF1020 Datasheet HTML 3Page - Vishay Siliconix TSMF1020 Datasheet HTML 4Page - Vishay Siliconix TSMF1020 Datasheet HTML 5Page - Vishay Siliconix TSMF1020 Datasheet HTML 6Page - Vishay Siliconix TSMF1020 Datasheet HTML 7Page - Vishay Siliconix TSMF1020 Datasheet HTML 8Page - Vishay Siliconix TSMF1020 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 81061
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.7, 04-Sep-08
227
TSMF1000, TSMF1020, TSMF1030
High Speed Infrared Emitting Diode, RoHS
Compliant, 890 nm, GaAlAs Double Hetero
Vishay Semiconductors
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PRECAUTIONS FOR USE
1. Over-current-proof
Customer must apply resistors for protection, otherwise
slight voltage shift will cause big current change (burn out will
happen).
2. Storage
2.1 Storage temperature and rel. humidity conditions are:
5 °C to 35 °C, R.H. 60 %.
2.2 Floor life must not exceed 168 h, acc. to JEDEC level 3,
J-STD-020.
Once the package is opened, the products should be
used within a week. Otherwise, they should be kept in a
damp proof box with desiccant.
Considering tape life, we suggest to use products within
one year from production date.
2.3 If opened more than one week in an atmosphere 5 °C to
35 °C, R.H. 60 %, devices should be treated at 60 °C
± 5 °C for 15 h.
2.4 If humidity indicator in the package shows pink color
(normal blue), then devices should be treated with the
same conditions as 2.3.
REFLOW SOLDER PROFILE
Fig. 10 - Lead Tin (SnPb) Reflow Solder Profile
94 8248
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
60
80
100
120
140
160
180
200
220
240
260
020 40 60 80 100 120 140 160 180 200 220
Time (s)
17172
+ 5 °C/s
5 s
60 s to 120 s
- 5 °C/s


Similar Part No. - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSMF1020 VISHAY-TSMF1020 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSMF1020 VISHAY-TSMF1020 Datasheet
173Kb / 10P
   High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
01-Jan-2023
More results

Similar Description - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000_11 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSHF5210 VISHAY-TSHF5210_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMF3710 VISHAY-VSMF3710_08 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 31-Jul-08
TSHF4410 VISHAY-TSHF4410 Datasheet
97Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
TSMF1000 VISHAY-TSMF1000_V01 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com