Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10LXXAG102KB4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P10LXXAG102KB4
Description  Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10LXXAG102KB4 Datasheet(HTML) 3 Page - Vishay Siliconix

  P10LXXAG102KB4 Datasheet HTML 1Page - Vishay Siliconix P10LXXAG102KB4 Datasheet HTML 2Page - Vishay Siliconix P10LXXAG102KB4 Datasheet HTML 3Page - Vishay Siliconix P10LXXAG102KB4 Datasheet HTML 4Page - Vishay Siliconix P10LXXAG102KB4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 51057
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 10-Dec-07
3
P10L
Long Life Potentiometer - 500 000 Cycles
Miniature - Cermet - Fully Sealed
Vishay Sfernice
MECHANICAL SPECIFICATIONS
Mechanical Travel
290° ± 5
Operating Torque (Typical)
2 Ncm max.
2.83 oz.-inch max.
End Stop Torque
7 Ncm max.
9.9 oz.-inch max.
Tightening Torque of Mounting Nut
25 Ncm max.
2.2 lb-inch max.
Unit Weight
1 g
3.5 10-2 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 40 °C to 100 °C
Climatic Category
40/100/56
Sealing
Fully sealed - Container IP67
MARKING
• VISHAY trademark
• Model
• Ohmic Value code
• Tolerance code
• Manufacturing date code
• Marking of terminals 3
APPLICATION NOTE
The potentiometer shall be used in voltage divider with
an impedance load at least 100 times higher than the total
potentiometer nominal resistance value.
Advised load impedance:
1 M
Ω min. for resistance range of 1kΩ to 50 kΩ
(1) a
(2) b
c (3)
cw
1 M
Ω min.


Similar Part No. - P10LXXAG102KB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10LXXAG102KB4 VISHAY-P10LXXAG102KB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
More results

Similar Description - P10LXXAG102KB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
   Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com