Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE30MAFL204MFB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PE30MAFL204MFB
Description  Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30MAFL204MFB Datasheet(HTML) 4 Page - Vishay Siliconix

  PE30MAFL204MFB Datasheet HTML 1Page - Vishay Siliconix PE30MAFL204MFB Datasheet HTML 2Page - Vishay Siliconix PE30MAFL204MFB Datasheet HTML 3Page - Vishay Siliconix PE30MAFL204MFB Datasheet HTML 4Page - Vishay Siliconix PE30MAFL204MFB Datasheet HTML 5Page - Vishay Siliconix PE30MAFL204MFB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PE30
Vishay Sfernice
Fully Sealed Container Cermet Potentiometer
Military and Professional Grade
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51037
134
Revision: 04-Sep-08
Locating Peg (PE30LL)
Location is obtained by fitting a special washer on the mounting face of the potentiometer.
Old code: LPRP
Shaft Locking (PE30LD)
The shaft locking device consists of a tapered nut tightening a slotted notched washer
against both bushing and shaft.
DBAN tightening torque is 200 Ncm, shaft locking torque being 30 Ncm.
DBAN is also available with all special types.
This device is normally supplied in a separate bag. Can be pre-mounted on request.
Assembling
Method
MARKING
• VISHAY trademark
• Model
• Ohmic Value (in Ω, kΩ or MΩ)
• Tolerance (in %)
• Manufacturing date code
• Marking of terminals 3, and a, b, c
PERFORMANCE
CECC 41 301 - 002
TYPICAL VALUES AND DRIFTS
TESTS
CONDITIONS
ΔRT
RT
(%) REQUIREMENTS
ΔR1-2
R1-2
(%)
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 10 %
± 10 %
± 0.5 %
± 1 %
Long Term Damp
Heat
56 days
40 °C 93 % HR
± 10 %
± 0.5 %
± 1 %
Insulation resistance: > 100 M
Ω
Insulation resistance: > 104 M
Ω
Rotational Life
25 000 cycles
± 10 %
± 3 %
Contact res. variation: < 7 % Rn
Contact res. variation: < 2 % Rn
Load Life
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 10 %
± 1 %
Contact res. variation: < 7 % Rn
Contact res. variation: < 3 % Rn
Rapid Temperature
Change
5 cycles
- 55 °C at + 125 °C
± 3 %
± 0.5 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 2 %
± 0.1 %
± 0.2 %
Vibration
10 to 55 Hz
0.75 mm or 10 g
during 6 hours
± 2 %
± 0.1 %
± 0.2 %
OPTIONS
1)
2)
6.5
15
14 wrench
12 wrench


Similar Part No. - PE30MAFL204MFB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30MAFD204JA VISHAY-PE30MAFD204JA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30MAFD204JF VISHAY-PE30MAFD204JF Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30MAFD204JL VISHAY-PE30MAFD204JL Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30MAFD204KA VISHAY-PE30MAFD204KA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30MAFD204KF VISHAY-PE30MAFD204KF Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
More results

Similar Description - PE30MAFL204MFB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
   Fully Sealed Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com