Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6186-5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6186-5
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6186-5 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6186-5 Datasheet HTML 1Page - Vishay Siliconix SFH6186-5 Datasheet HTML 2Page - Vishay Siliconix SFH6186-5 Datasheet HTML 3Page - Vishay Siliconix SFH6186-5 Datasheet HTML 4Page - Vishay Siliconix SFH6186-5 Datasheet HTML 5Page - Vishay Siliconix SFH6186-5 Datasheet HTML 6Page - Vishay Siliconix SFH6186-5 Datasheet HTML 7Page - Vishay Siliconix SFH6186-5 Datasheet HTML 8Page - Vishay Siliconix SFH6186-5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 83673
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 25-Jan-08
5
SFH618A/SFH6186
Optocoupler, Phototransistor Output,
Low Input Current
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 4 - Current Transfer Ratio (Typ.)
Fig. 5 - Current Transfer Ratio (Typ.)
Fig. 6 - Diode Forward Voltage (Typ.)
Fig. 7 - Diode Forward Voltage (Typ.)
Fig. 8 - Transistor Capacitance
Fig. 9 - Output Characteristics
240
280
%
200
160
- 40 - 20
0
20
40
60
ºC
100
isfh618a_01
TA
120
80
40
0
CTR
IF = 5mA
IF = 1mA
IF = 2mA
IF = 0.5mA
VCE = 0.5 V, CTR = f (TA)
240
280
%
200
160
- 40 - 20
0
20
40
60
ºC
100
isfh618a_02
TA
120
80
40
0
CTR
IF = 5mA
IF = 1mA
IF = 2mA
IF = 0.5mA
1.15
1.2
V
1.1
1.05
mA
isfh618a_03
IF
1
0.95
0.9
Vr
TA = 25 ºC, VF = f (IF)
10-1
100
101
1.15
1.2
V
1.1
- 40 - 20
0
20
40
60
ºC
100
isfh618a_04
TA
1.05
1
0.95
0
VF
IF = 1.0 mA, VF = f (TA)
16
20
pF
12
V
isfh618a_05
VCE
8
4
0
CCE
TA = 25 ºC, f = 1.0 MHz
CEE = f (VCE)
10-1
100
101
102
10-2
10
12
mA
8
V
isfh618a_06
VCE
6
4
2
0
ICE
TA = 25 ºC,
CE = f
(VCE, IF)
10-1
100
101
102
10-2
IF = 5 mA
IF = 2 mA
IF = 1 mA
IF = 0.5 mA
OHOO2119


Similar Part No. - SFH6186-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186-5 VISHAY-SFH6186-5 Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Infineon Technologies A...
SFH6186-5 INFINEON-SFH6186-5 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6186-5 VISHAY-SFH6186-5 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-5 VISHAY-SFH6186-5 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results

Similar Description - SFH6186-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com