Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH617A-4X006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH617A-4X006
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-4X006 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SFH617A-4X006 Datasheet HTML 2Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 3Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 4Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 5Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 6Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 7Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 8Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 9Page - Vishay Siliconix SFH617A-4X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 83740
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 25-Jan-07
7
SFH617A
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
Vishay Semiconductors
Fig. 10 - Normalized CTR vs. Forward Current
Fig. 11 - Normalized CTR vs. Forward Current
Fig. 12 - Forward Resistance vs. Forward Current
Fig. 13 - Forward Resistance vs. Forward Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.10
1.00
10.00
100.00
IF - Forward Current (mA)
17594
Normalized to
IF = 10 mA, Tamb = 25 °C,
VCE = 5 V, non-saturated
- 4
- 1
- 3
- 2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.10
1.00
10.00
100.00
IF - Forward Current (mA)
17595
- 4
- 1
- 3
- 2
Normalized to
IF = 10 mA, Tamb= 25 °C,
VCE = 0.4 V, saturated
1
10
100
1000
0.1
1.0
10.0
100.0
R - Load Resistance (k
Ω)
18340
toff
ton
Pulse Width = 100 ms
I = 10 mA
Duty Cycle = 50 %
L
F
1
10
100
1000
0.1
1
10
100
R - Load Resistance (k
Ω)
18341
t
t
Pulse With = 100 ms
I = 10 mA
Duty Cycle = 50 %
L
F
rise
fall


Similar Part No. - SFH617A-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-4X006 VISHAY-SFH617A-4X006 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH617A-4X006 VISHAY-SFH617A-4X006 Datasheet
172Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.4, 31-Aug-15
SFH617A-4X006 VISHAY-SFH617A-4X006 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com