Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH617A-3X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH617A-3X007
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-3X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH617A-3X007 Datasheet HTML 1Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 2Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 3Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 4Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 5Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 6Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 7Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 8Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 83740
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 25-Jan-07
1
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
SFH617A
Vishay Semiconductors
DESCRIPTION
The 110 °C rated SFH617A (DIP) feature a high current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are achieved
with option 6. This version complies with IEC 60950
(DIN VDE 0805) for reinforced insulation up to an operation
voltage of 400 VRMS or DC. Specifications subject to change.
FEATURES
• Operating temperature from - 55 °C to + 110 °C
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• AC adapter
•SMPS
•PLC
• Factory automation
• Game consoles
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• CSA 93751
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
Note
For additional information on the available options refer to option information.
1
2
4
3
E
C
A
C
17907
ORDER INFORMATION
PART
REMARKS
SFH617A-1
CTR 40 to 80 %, DIP-4
SFH617A-2
CTR 63 to 125 %, DIP-4
SFH617A-3
CTR 100 to 200 %, DIP-4
SFH617A-4
CTR 160 to 320 %, DIP-4
SFH617A-1X006
CTR 40 to 80 %, DIP-4 400 mil
SFH617A-2X006
CTR 63 to 125 %, DIP-4 400 mil
SFH617A-2X009
CTR 63 to 125 %, SMD-4
SFH617A-3X006
CTR 100 to 200 %, DIP-4 400 mil
SFH617A-3X007
CTR 100 to 200 %, SMD-4
SFH617A-4X006
CTR 160 to 320 %, DIP-4 400 mil


Similar Part No. - SFH617A-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-3X007 VISHAY-SFH617A-3X007 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
logo
Infineon Technologies A...
SFH617A-3X007 INFINEON-SFH617A-3X007 Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
logo
Vishay Siliconix
SFH617A-3X007T VISHAY-SFH617A-3X007T Datasheet
172Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.4, 31-Aug-15
SFH617A-3X007T VISHAY-SFH617A-3X007T Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com