Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11A7Q0EASY00103MA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P11A7Q0EASY00103MA
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11A7Q0EASY00103MA Datasheet(HTML) 1 Page - Vishay Siliconix

  P11A7Q0EASY00103MA Datasheet HTML 1Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 2Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 3Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 4Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 5Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 6Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 7Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 8Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51031
1
Revision: 16-Jun-08
P11
Vishay Sfernice
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
FEATURES
• 12.5 mm square single turn panel control
• Five shaft diameters and 29 terminal styles
• Multiple assemblies - up to seven modules
• Tests according to CECC 41 000
• GAM T1
• P11S version for industrial, military and aeronautics
applications
• P11A version for professional audio applications
• Low current compatibility
• Shaft and panel sealed version
• Up to twenty-one indent positions
• Rotary and push/push switch options
• Concentric shafts
• Custom designs
• Trimmer version T11 (see document no. 51021)
RoHS
COMPLIANT
VERSATILE
MODULAR
COMPACT
ROBUST
CONFIGURATION EXAMPLE
Single module, single shaft, solder lugs, metric bushing and shaft
Single module, single shaft, vertical mounting, PC pins with support plate, metric bushing and shaft
Dual modules, single shaft, PC pins with front support plates, imperial bushing and shaft
22
(0.866)
5.07
(0.200)
8
(0.315)
4.65
(0.183)
B
DETAIL B
0,9
(0.035)
1.8
(0.071)
M6 x 0.75
3
Ø (0.118)
2.4
(0.094)
12.5
(0.492)
4.65
(0.183)
12.5
(0.492)
5
(0.197)
6.85
(0.270)
13.1
(0.516)
4.9
(0.193)
M10 x 0.75
6
Ø (0.236)
9.5
(0.374)
16
(0.626)
12.7
(0.500)
8
(0.315)
2.54
(0.100)
2.54
(0.100)
3/8" x 3/8"
12.5
(0.492)
13.1
(0.516)
2.54
(0.100)
2.54
(0.100)
8
(0.325)
9.5
(0.374)
3.6
(0.143)
6.35
Ø (0.250)
19.05
(0.750)
7.62
(0.300)


Similar Part No. - P11A7Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11A7Q0EASY00103MA VISHAY-P11A7Q0EASY00103MA Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
P11A7Q0EASY00103MA VISHAY-P11A7Q0EASY00103MA Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
More results

Similar Description - P11A7Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
P11S VISHAY-P11S Datasheet
240Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Aug-13
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
   1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Revision: 31-Jul-06
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com