Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6156-3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6156-3
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6156-3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6156-3 Datasheet HTML 1Page - Vishay Siliconix SFH6156-3 Datasheet HTML 2Page - Vishay Siliconix SFH6156-3 Datasheet HTML 3Page - Vishay Siliconix SFH6156-3 Datasheet HTML 4Page - Vishay Siliconix SFH6156-3 Datasheet HTML 5Page - Vishay Siliconix SFH6156-3 Datasheet HTML 6Page - Vishay Siliconix SFH6156-3 Datasheet HTML 7Page - Vishay Siliconix SFH6156-3 Datasheet HTML 8Page - Vishay Siliconix SFH6156-3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH615A/SFH6156
Document Number 83671
Rev. 2.0, 06-Sep-06
Vishay Semiconductors
www.vishay.com
3
Thermal Characteristics
The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the tem-
peratures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of PCB,
layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's Thermal Characteristics
of Optocouplers Application note.
* For 2 layer FR4 board (4" x 3" x 0.062)
Parameter
Test condition
Symbol
Value
Unit
LED Power dissipation
at 25 °C
Pdiss
100
mW
Output Power dissipation
at 25 °C
Pdiss
150
mW
Maximum LED junction temperature
Tjmax
125
°C
Maximum output die junction temperature
Tjmax
125
°C
Thermal resistance, Junction Emitter to Board
θ
EB
173
°C/W
Thermal resistance, Junction Emitter to Case
θ
EC
149
°C/W
Thermal resistance, Junction Detector to Board
θ
DB
111
°C/W
Thermal resistance, Junction Detector to Case
θ
DC
127
°C/W
Thermal resistance, Junction Emitter to Junction Detector
θ
ED
95
°C/W
Thermal resistance, Board to Ambient*
θ
BA
195
°C/W
Thermal resistance, Case to Ambient*
θ
CA
3573
°C/W
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Similar Part No. - SFH6156-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH6156-3 INFINEON-SFH6156-3 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6156-3 VISHAY-SFH6156-3 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH6156-3 VISHAY-SFH6156-3 Datasheet
131Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.6, 26-Jun-13
SFH6156-3 VISHAY-SFH6156-3 Datasheet
140Kb / 9P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.6, 20-Jul-04
SFH6156-3 VISHAY-SFH6156-3 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
More results

Similar Description - SFH6156-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com