Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH615A-1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH615A-1
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A-1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH615A-1 Datasheet HTML 1Page - Vishay Siliconix SFH615A-1 Datasheet HTML 2Page - Vishay Siliconix SFH615A-1 Datasheet HTML 3Page - Vishay Siliconix SFH615A-1 Datasheet HTML 4Page - Vishay Siliconix SFH615A-1 Datasheet HTML 5Page - Vishay Siliconix SFH615A-1 Datasheet HTML 6Page - Vishay Siliconix SFH615A-1 Datasheet HTML 7Page - Vishay Siliconix SFH615A-1 Datasheet HTML 8Page - Vishay Siliconix SFH615A-1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83671
Rev. 2.0, 06-Sep-06
SFH615A/SFH6156
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
13
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Collector-emitter leakage
current
VCE = 10 V
SFH615A-1
SFH6156-1
ICEO
2.0
50
nA
SFH615A-2
SFH6156-2
ICEO
2.0
50
nA
SFH615A-3
SFH6156-3
ICEO
5.0
100
nA
SFH615A-4
SFH6156-4
ICEO
5.0
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.4
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH615A-1
SFH6156-1
CTR
40
80
%
SFH615A-2
SFH6156-2
CTR
63
125
%
SFH615A-3
SFH6156-3
CTR
100
200
%
SFH615A-4
SFH6156-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
SFH615A-1
SFH6156-1
CTR
13
30
%
SFH615A-2
SFH6156-2
CTR
22
45
%
SFH615A-3
SFH6156-3
CTR
34
70
%
SFH615A-4
SFH6156-4
CTR
56
90
%


Similar Part No. - SFH615A-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH615A-1 ETC-SFH615A-1 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Infineon Technologies A...
SFH615A-1 INFINEON-SFH615A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
ISOCOM COMPONENTS
SFH615A-1 ISOCOM-SFH615A-1 Datasheet
429Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH615A-1 VISHAY-SFH615A-1 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
logo
ISOCOM COMPONENTS
SFH615A-1 ISOCOM-SFH615A-1 Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - SFH615A-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com