Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T13YB22K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T13YB22K
Description  Fully Sealed Container Square or Round Cermet Trimmers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T13YB22K Datasheet(HTML) 4 Page - Vishay Siliconix

  T13YB22K Datasheet HTML 1Page - Vishay Siliconix T13YB22K Datasheet HTML 2Page - Vishay Siliconix T13YB22K Datasheet HTML 3Page - Vishay Siliconix T13YB22K Datasheet HTML 4Page - Vishay Siliconix T13YB22K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 51022
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
See also: Application notes
59
T12, T13
Fully Sealed Container Square or Round Cermet Trimmers Vishay Sfernice
PACKAGING
– Plastic box of 50 pieces for T13Y and BL50
– Carton box of 50 pieces for T12Y and T12X, code BO50
ORDERING INFORMATION
T12
SERIES
X
STYLE
B
ON REQUEST
22 k
Ω
OHMIC VALUE
± 20 %
TOLERANCE
A
RESISTANC
BO50
PACKAGING
e3
LEAD FINISH
T12
X
LOCKING DEVICE
LAWS
Version T12X, Y: BO50
T13
Y
Version T13Y: BL50
e3: pure Sn
SAP PART NUMBERING GUIDELINES
T1
2
X
B
2
2
3
M
A
B2
5
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
LO-
KING DEVICE
LAW
T1
MODEL
23
M
A
B
2
5
OHMIC
VALUE
TOL
PACKAGING
CODE
LAW
2
3
STYLE
X
SPECIAL
(IF APPLICABLE)


Similar Part No. - T13YB22K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T13YB103KAB25 VISHAY-T13YB103KAB25 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
T13YB103KFB25 VISHAY-T13YB103KFB25 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
T13YB103KLB25 VISHAY-T13YB103KLB25 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
T13YB103MAB25 VISHAY-T13YB103MAB25 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
T13YB103MFB25 VISHAY-T13YB103MFB25 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
More results

Similar Description - T13YB22K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
135Kb / 4P
   Fully Sealed Container Cermet Trimmers
Revision: 26-Oct-06
P8S VISHAY-P8S Datasheet
154Kb / 4P
   Fully Sealed Container Cermet Trimmers
Revision: 26-Oct-06
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
   3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
01-Jan-2022
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
Revision: 10-Dec-15
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com