Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP1839 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKP1839
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1839_08 Datasheet HTML 1Page - Vishay Siliconix MKP1839_08 Datasheet HTML 2Page - Vishay Siliconix MKP1839_08 Datasheet HTML 3Page - Vishay Siliconix MKP1839_08 Datasheet HTML 4Page - Vishay Siliconix MKP1839_08 Datasheet HTML 5Page - Vishay Siliconix MKP1839_08 Datasheet HTML 6Page - Vishay Siliconix MKP1839_08 Datasheet HTML 7Page - Vishay Siliconix MKP1839_08 Datasheet HTML 8Page - Vishay Siliconix MKP1839_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MKP 1839
Vishay Roederstein
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26022
3
Revision: 22-Oct-08
Capacitance
Capacitance
Code
Voltage Code 16
160 Vdc/100Vac
Voltage Code 25
250 Vdc/160Vac
Voltage Code 40
400 Vdc/220Vac (1)
Voltage Code 63
630 Vdc/250Vac (1)
D
(mm)
L
(mm)
D
(mm)
L
(mm)
D
(mm)
L
(mm)
D
(mm)
L
(mm)
47 pF
047
-
-
-
-
-
-
5.0
11.0
51 pF
051
-
-
-
-
-
-
5.0
11.0
56 pF
056
-
-
-
-
-
-
5.0
11.0
62 pF
056
-
-
-
-
-
-
5.0
11.0
68 pF
068
-
-
-
-
-
-
5.5
11.0
75 pF
075
-
-
-
-
-
-
5.5
11.0
82 pF
082
-
-
-
-
-
-
5.5
11.0
91 pF
091
-
-
-
-
-
-
6.0
11.0
100 pF
110
-
-
-
-
-
-
6.0
11.0
110 pF
111
-
-
-
-
-
-
6.0
11.0
120 pF
112
-
-
-
-
-
-
6.0
11.0
130 pF
113
-
-
-
-
-
-
6.0
11.0
150 pF
115
-
-
-
-
-
-
6.0
11.0
160 pF
116
-
-
-
-
-
-
6.0
11.0
180 pF
118
-
-
-
-
-
-
6.0
11.0
200 pF
120
-
-
-
-
-
-
6.0
11.0
220 pF
122
-
-
-
-
-
-
5.0
11.0
240 pF
124
-
-
-
-
-
-
5.0
11.0
270 pF
127
-
-
-
-
-
-
5.0
11.0
300 pF
130
-
-
-
-
-
-
5.0
11.0
330 pF
133
-
-
-
-
-
-
5.0
11.0
360 pF
136
-
-
-
-
-
-
5.0
11.0
390 pF
139
-
-
-
-
-
-
5.0
11.0
430 pF
143
-
-
-
-
-
-
5.0
11.0
470 pF
147
-
-
-
-
-
-
5.0
11.0
510 pF
151
-
-
-
-
-
-
5.0
11.0
560 pF
156
-
-
-
-
-
-
5.5
11.0
620 pF
162
-
-
-
-
-
-
5.5
11.0
680 pF
168
-
-
-
-
-
-
5.5
11.0
750 pF
175
-
-
-
-
-
-
5.5
11.0
820 pF
182
-
-
-
-
-
-
5.0
11.0
910 pF
191
-
-
-
-
-
-
5.0
11.0
1000 pF
210
-
-
-
-
-
-
5.0
11.0
1100 pF
211
-
-
-
-
-
-
5.0
11.0
1200 pF
212
-
-
-
-
-
-
5.0
11.0
1300 pF
213
-
-
-
-
-
-
5.0
11.0
1500 pF
215
-
-
-
-
-
-
5.0
11.0
1600 pF
216
-
-
-
-
-
-
5.0
11.0
1800 pF
218
-
-
-
-
-
-
5.0
11.0
2000 pF
220
-
-
-
-
-
-
5.0
11.0
2200 pF
222
-
-
-
-
-
-
5.0
11.0
2400 pF
224
-
-
-
-
-
-
5.0
11.0
2700 pF
227
-
-
-
-
-
-
5.0
11.0
3000 pF
230
-
-
-
-
-
-
5.0
11.0
3300 pF
233
-
-
-
-
-
-
5.0
11.0
3600 pF
236
-
-
-
-
-
-
5.0
11.0
3900 pF
239
-
-
-
-
-
-
5.0
11.0
4300 pF
243
-
-
-
-
-
-
5.0
11.0
4700 pF
247
-
-
-
-
-
-
5.0
11.0
6200 pF
262
-
-
-
-
-
-
5.5
11.0
6800 pF
268
-
-
-
-
5.0
11.0
5.5
11.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn