Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP1839 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKP1839
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1839_08 Datasheet HTML 2Page - Vishay Siliconix MKP1839_08 Datasheet HTML 3Page - Vishay Siliconix MKP1839_08 Datasheet HTML 4Page - Vishay Siliconix MKP1839_08 Datasheet HTML 5Page - Vishay Siliconix MKP1839_08 Datasheet HTML 6Page - Vishay Siliconix MKP1839_08 Datasheet HTML 7Page - Vishay Siliconix MKP1839_08 Datasheet HTML 8Page - Vishay Siliconix MKP1839_08 Datasheet HTML 9Page - Vishay Siliconix MKP1839_08 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 22-Oct-08
6
MKP 1839
AC and Pulse Metallized Polypropylene Film Capacitors
MKP Axial Type
Vishay Roederstein
HEAT CONDUCTIVITY (G) AS A FUNCTION OF ORIGINAL PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
DIAMETER
(mm)
HEAT CONDUCTIVITY (mW/°C)
L 11 mm
L 14 mm
L 19 mm
L 26.5 mm
L 31.5 mm
L 41.5 mm
5.0
2
34
568
5.5
3
34
679
6.0
3
45
78
10
6.5
3
45
79
11
7.0
4
56
89
12
7.5
4
5
7
9
10
13
8.0
4
5
7
10
11
15
8.5
5
6
8
10
12
16
9.0
5
6
8
11
13
17
9.5
6
7
9
12
14
18
10.0
6
7
10
131519
10.5
7
8
10
141620
11.0
7
8
11
141721
11.5
8
9
12
151823
12.0
8
10
12
16
19
24
12.5
9
10
13
17
20
25
13.0
9
11
14
18
21
26
13.5
10
1114
192228
14.0
10
1215
202329
14.5
11
1316
212430
15.0
11
1316
212531
15.5
12
1417
222633
16.0
12
1418
232734
16.5
13
1519
242835
17.0
14
1620
252937
17.5
14
1720
263038
18.0
15
1721
273139
18.5
15
1822
283241
19.0
16
1923
293442
19.5
17
1924
303543
20.0
17
2025
313645
20.5
18
2125
323746
21.0
19
2226
333848
21.5
20
2227
353949
22.0
20
2328
364150
22.5
21
2429
374252
23.0
22
2530
384353
23.5
23
2631
394455
24.0
23
2732
404656
24.5
24
2733
414758
25.0
25
2834
424859
25.5
26
2935
444961
26.0
27
3036
455162
26.5
27
3137
465264
27.0
28
3238
475366
27.5
29
3339
485567
28.0
30
3440
505669
28.5
31
3541
515770


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn