Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP422 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MKP422
Description  Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP422 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP422 Datasheet HTML 1Page - Vishay Siliconix MKP422 Datasheet HTML 2Page - Vishay Siliconix MKP422 Datasheet HTML 3Page - Vishay Siliconix MKP422 Datasheet HTML 4Page - Vishay Siliconix MKP422 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28151
288
Revision: 21-Nov-05
MKP 422
Vishay BCcomponents Metallized Polypropylene Filter Film Capacitors
MKP Radial Potted Type
for Surge Voltage Applications
URdc = 630 V; URac = 160 V; Up-p = 450 V
C
(E 24)
(µF)
DIMENSIONS
b
× h × l
(mm)
MASS
(g)
CATALOGUE NUMBER AND PACKAGING
AMMOPACK
LOOSE IN BOX
H
= 18.5 mm
lt
= 4.0 + 1.0/− 0.5 mm
C-tol
=± 2 %
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 7.5 ± 0.4 mm; d
t = 0.50 ± 0.05 mm
0.001
4.0
× 9.0 × 10.0
0.50
11002
1250
1500
0.0011
11102
0.0012
11202
0.0013
11302
0.0015
11502
0.0016
11602
0.0018
11802
0.002
12002
0.0022
12202
0.0024
12402
0.0027
12702
0.003
5.0
× 10.5 × 10.0
0.90
13002
1000
1000
0.0033
13302
0.0036
13602
0.0039
13902
0.0043
6.0
× 11.5 × 10.0
1.0
14302
750
750
0.0047
14702
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.0051
4.0
× 10.0 × 12.5
0.60
15102
750
1000
0.0056
15602
0.0062
16202
0.0068
16802
0.0075
17502
0.0082
18202
0.01
11003
0.011
11103
0.012
11203
0.013
11303
0.015
11503
0.016
11603
0.018
5.0
× 11.0 × 12.5
0.85
11803
600
1000
0.02
12003
0.022
12203
0.024
12403
0.027
6.0
× 12.0 × 12.5
1.10
12703
500
750
0.03
13003
0.033
13303
0.036
13603
0.039
13903
0.043
14303
0.047
14703


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn