Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1773-468-2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # F1773-468-2
Description  AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1773-468-2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button F1773-468-2 Datasheet HTML 2Page - Vishay Siliconix F1773-468-2 Datasheet HTML 3Page - Vishay Siliconix F1773-468-2 Datasheet HTML 4Page - Vishay Siliconix F1773-468-2 Datasheet HTML 5Page - Vishay Siliconix F1773-468-2 Datasheet HTML 6Page - Vishay Siliconix F1773-468-2 Datasheet HTML 7Page - Vishay Siliconix F1773-468-2 Datasheet HTML 8Page - Vishay Siliconix F1773-468-2 Datasheet HTML 9Page - Vishay Siliconix F1773-468-2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
F1773-2000
Vishay Roederstein
AC Capacitors, Suppression Capacitors
Class X2 AC 253 V (MKT) - Axial Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 26507
6
Revision: 23-Sep-08
APPLICATION NOTES AND LIMITING CONDITIONS
• For X2 electromagnetic interference suppression where a higher stabililty grade is needed for continuous across the line
applications (50/60 Hz) with a maximum mains voltage of 253 Vac.
• These capacitors are not intended for continuous pulse application. For these situations capacitors of the AC and pulse
programs must be used.
• For series impedance applications we refer to application note: www.vishay.com/docs/28153/anaccaps.pdf
• The maximum ambient temperature must not exceed 100 °C.
• Rated voltage pulse slope:
If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 350 Vdc and
divided by the applied voltage.
INSPECTION REQUIREMENTS
General Notes
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 60384-14 ed-3
and Specific Reference Data”.
Group C inspection requirements
Insulation resistance as a function of ambient temperature
(typical curve)
T
amb (°C)
10
5
10
4
10
2
10
3
- 50
0
50
100
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE OF
SUB-GROUP C1
4.1
Dimensions (detail)
As specified in chapters “General data” of
this specification
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz or
for C > 1 µF at 1 kHz
4.3
Robustness of terminations
Tensile: Load 10 N; 10 s
Bending: Load 5 N; 4 x 90°
No visible damage


Similar Part No. - F1773-468-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17732XX2000 VISHAY-F17732XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2900 VISHAY-F17732XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2901 VISHAY-F17732XX2901 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2000 VISHAY-F17733XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2900 VISHAY-F17733XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
More results

Similar Description - F1773-468-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com