Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1773-447-2 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # F1773-447-2
Description  AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1773-447-2 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button F1773-447-2 Datasheet HTML 3Page - Vishay Siliconix F1773-447-2 Datasheet HTML 4Page - Vishay Siliconix F1773-447-2 Datasheet HTML 5Page - Vishay Siliconix F1773-447-2 Datasheet HTML 6Page - Vishay Siliconix F1773-447-2 Datasheet HTML 7Page - Vishay Siliconix F1773-447-2 Datasheet HTML 8Page - Vishay Siliconix F1773-447-2 Datasheet HTML 9Page - Vishay Siliconix F1773-447-2 Datasheet HTML 10Page - Vishay Siliconix F1773-447-2 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - F1773-447-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17732XX2000 VISHAY-F17732XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2900 VISHAY-F17732XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2901 VISHAY-F17732XX2901 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2000 VISHAY-F17733XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2900 VISHAY-F17733XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
More results

Similar Description - F1773-447-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com