Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1773-439-2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # F1773-439-2
Description  AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1773-439-2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button F1773-439-2 Datasheet HTML 3Page - Vishay Siliconix F1773-439-2 Datasheet HTML 4Page - Vishay Siliconix F1773-439-2 Datasheet HTML 5Page - Vishay Siliconix F1773-439-2 Datasheet HTML 6Page - Vishay Siliconix F1773-439-2 Datasheet HTML 7Page - Vishay Siliconix F1773-439-2 Datasheet HTML 8Page - Vishay Siliconix F1773-439-2 Datasheet HTML 9Page - Vishay Siliconix F1773-439-2 Datasheet HTML 10Page - Vishay Siliconix F1773-439-2 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 26507
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 23-Sep-08
9
F1773-2000
AC Capacitors, Suppression Capacitors
Class X2 AC 253 V (MKT) - Axial Type
Vishay Roederstein
4.12.3 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1200 Vdc; 1 min between terminations
Insulation resistance
No visible damage
Legible marking
|
ΔC/C| ≤ 5 % of the value measured in
4.12.1.
Increase of tan
δ:
≤ 0. 008 for: C ≤ 1 µF or
≤ 0. 005 for: C > 1 µF
Compared to values measured in 4.12.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C3
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz or
for C > 1 µF at 1 kHz
4.13
Impulse voltage
3 successive impulses, full wave, peak
voltage:
X2: 2.5 kV for C
≤ 1 µF
X2: 2.5 kV/
√C for C > 1 µF
Max. 24 pulses
No self healing breakdowns or flashover
4.14
Endurance
Duration: 1000 h
1.25 x URac at 100 °C for C ≤ 1 µF
1.25 x URac at 85 °C for C > 1 µF
Once in every hour the voltage is increased
to 1000 VRMS for 0.1 s via resistor of
47
Ω ± 5 %
4.14.7 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 10 % compared to values measured
in 4.13.1.
Tangent of loss angle
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.13.1.
Voltage proof
1200 Vdc; 1 min between terminations
2000 Vac; 1 min between terminations
and case
No permanent breakdown or flash-over
Insulation resistance
≥ 50 % of values specified in section
“Insulation resistance” of this specification
SUB-GROUP C4
4.15
Charge and discharge
10 000 cycles
Charged to 350 Vdc
Discharge resistance:
4.15.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz or
for C > 1 µF at 1 kHz
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
350 Vdc
2 x C (dU/dt)
----------------------------------
=


Similar Part No. - F1773-439-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17732XX2000 VISHAY-F17732XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2900 VISHAY-F17732XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2901 VISHAY-F17732XX2901 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2000 VISHAY-F17733XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2900 VISHAY-F17733XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
More results

Similar Description - F1773-439-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com