Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA7089A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7089A
Description  LOW-RANGE PHONE DEDICATED CHIP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA7089A Datasheet HTML 2Page - STMicroelectronics TEA7089A Datasheet HTML 3Page - STMicroelectronics TEA7089A Datasheet HTML 4Page - STMicroelectronics TEA7089A Datasheet HTML 5Page - STMicroelectronics TEA7089A Datasheet HTML 6Page - STMicroelectronics TEA7089A Datasheet HTML 7Page - STMicroelectronics TEA7089A Datasheet HTML 8Page - STMicroelectronics TEA7089A Datasheet HTML 9Page - STMicroelectronics TEA7089A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ELECTRICAL SPECIFICATIONS (continued)
Receive Characteristics (Tamb =25
°C; RL = 660Ω ; f = 1kHz)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Eff
Sidetone
Eff = (Vear
+ - Vear -) /Vm
Test 3, Vm = -55dBV, IL = 22mA,
R14 = 10k
Ω, R17 = 15kΩ
22.5
dB
GRXl
GRXs
Gain in Symmetric Mode
Grx = (Vear
+ - Vear-)/ V
L
Test 6, VL = -14.5dBV, R14 = 10k
Ω,
R17 = 15k
Ω, R25 = 3.9kΩ
IL = 22mA
IL = 90mA
0.7
-6
1.7
-4
2.7
-2
dB
dB
Dr
Distortion
Test 4, Rear = 300
Ω,IL = 22mA
Vear = -12dBV
Vear = -8dBV
2
5
%
%
Nr
Noise
Test 4, IL = 22mA
-76
dBmp
Vear
(010010)
Earphone Mute
IL = 22mA, VL = -14.5dBV
60
dB
Zout
Output Impedance
20
Automatic Gain Control Inhibition (Tamb =25
°C; RL = 660Ω ; f = 1kHz no AGC mode selected)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Gtp
Grp
Transmit Gain
Receive Gain
Test 3 & Test 4, IL = 22 to 90mA
Code : 010100
Vm = -55dBV
VL = -14.5dBV
Gtxl -5
Grxl -5
Gtxl -4
Grxl -4
Gtxl -3
Grxl -3
dB
dB
Ring Characteristics (Tamb =25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VThri ON
VThri OFF
Ringing Threshold Voltage
Test 5 a/b
RI high (see Figure 4)
Rl low (see Figure 4)
15
5
20
9
V
V
ICRing
Internal Consumption in Ring
Mode
VRING = 10V
1
1.2
mA
VRMC
Microprocessor Supply Voltage
3.45
3.75
4.05
V
tRON
Rise Time
IRING = 10mA
100
ms
VRING
Internal Zener Voltage
27
V
Vbout
Buzzer Vout
Freq = 1312Hz
Freq. Code 001111
VRING = 27Vzener (see Figure 5)
Level Code (011111)
Level Code (011110)
Level Code (011101)
Level Code (011100)
12
4.4
2.2
1
13
5.6
2.8
1.4
13.5
6.7
3.4
1.8
VRMS
VRMS
VRMS
VRMS
V
bout
Figure 5 : Ringer Output Waveform
OFF
ON
Ringer
Status
V
OFF
V
ON
V
Ringer Threshold (V
THRI)
Figure 4 : Ringer Hysteresis Ringer
TEA7089A
6/17


Similar Part No. - TEA7089A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
TEA7088AFP STMICROELECTRONICS-TEA7088AFP Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
More results

Similar Description - TEA7089A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
logo
Broadcom Corporation.
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
   LOW-COST IP PHONE CHIP
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
   ENTERPRISE IP PHONE CHIP
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
logo
Littelfuse
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
   Dedicated - Recycle
Rev: 1-A-061016
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
   Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com