Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMKP383 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP383 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button MMKP383_08 Datasheet HTML 14Page - Vishay Siliconix MMKP383_08 Datasheet HTML 15Page - Vishay Siliconix MMKP383_08 Datasheet HTML 16Page - Vishay Siliconix MMKP383_08 Datasheet HTML 17Page - Vishay Siliconix MMKP383_08 Datasheet HTML 18Page - Vishay Siliconix MMKP383_08 Datasheet HTML 19Page - Vishay Siliconix MMKP383_08 Datasheet HTML 20Page - Vishay Siliconix MMKP383_08 Datasheet HTML 21Page - Vishay Siliconix MMKP383_08 Datasheet HTML 22Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized Polypropylene Film
Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
18
Revision: 05-Nov-08
CHARACTERISTICS
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
Max. RMS voltage as a function of frequency
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
T
amb ≤ 85 °C, 1400 Vdc
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6
85 °C < T
amb ≤ 105 °C, 1400 Vdc
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
T
amb ≤ 85 °C, 1600 Vdc
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6
85 °C < T
amb ≤ 100 °C, 1600 Vdc
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
T
amb ≤ 85 °C, 2000 Vdc
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6
85 °C < T
amb ≤ 100 °C, 2000 Vdc


Similar Part No. - MMKP383_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results

Similar Description - MMKP383_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com