Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA7088A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TEA7088A
Description  LOW-RANGE PHONE DEDICATED CHIP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7088A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TEA7088A Datasheet HTML 6Page - STMicroelectronics TEA7088A Datasheet HTML 7Page - STMicroelectronics TEA7088A Datasheet HTML 8Page - STMicroelectronics TEA7088A Datasheet HTML 9Page - STMicroelectronics TEA7088A Datasheet HTML 10Page - STMicroelectronics TEA7088A Datasheet HTML 11Page - STMicroelectronics TEA7088A Datasheet HTML 12Page - STMicroelectronics TEA7088A Datasheet HTML 13Page - STMicroelectronics TEA7088A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
The Start Up Conditions of the TEA7088A
As soon as RESET is high and before sending any
code the circuit is in the following default configu-
ration :
- Speech
- No mask
- AGC ON in transmit and receive channels
- Normal gain on receive channel
- 1.79MHz input clock (oscillator in stand by)
6 bit Codes
Between two DTMF or ring frequencies, introduc-
ing a Mute or speech code implies to wait 1ms to
end the sinewave or square period.
DTMF Dialing
To dial in DTMF the following sequence of codes
must be sent :
DTMF Frequency code : 00XXXX
Dialing Mode code
: 010001
Mute or SPEECH code : 010010 or 010000
The duration of the DTMF signal is fixed by the
delay between Dialing mode code and MUTE or
SPEECH code.
Pulse Dialing
The pulse dialing function is performed by the
microcontroller through the high voltage stage.
The ”MAKE” voltage over the TEA7088A during
dialing can be reduced by sending the mask code
0010101. To recover the normal speech voltage at
the end of dialing the mask code must be sent
again.
If the mask code is not used the voltage over the
TEA7088A during dialing is the same as in speech
mode.
Ring Indicator (RI)
In ring mode TEA7088A generates a high logic
level on Pin RI as soon as the voltage on Pin VRING
is higher than VTHRI ON (19V Typ.), and the voltage
on VRMC is higher than 3.4V.
When the voltage on VRMC becomes higher than
2.6V, RESET signal becomes also high.
Mask Input (MSK)
MSK input must be high by default (Figure 10).
In speech configuration forcing MSK input to low
level will have same functionality than the MASK
code.
For ring mode when it is necessary to send other
frequencies than the 8 basic ones, this input allows
to drive the buzzer output.
MICROCONTROLLER INTERFACE WITH TEA7088A (continued)
a 0
a1
a 2
a3
a4
a 5
a6
t1
t2
t4
t5
CLK Data
Data
Synchro
Datas with a Change During CLK = 1
t3
t3
t0
t0, t1, t2, t3, t4, t5 > 1
µs
Figure 9 : DATA/CLOCK Timing
I
L
MSK
P ULSE MODE
OTHER MODES
OTHER MODES
FLASH MODE
Figure 10 : MASK Timing
TEA7088A
10/17


Similar Part No. - TEA7088A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7089 STMICROELECTRONICS-TEA7089 Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089AFP STMICROELECTRONICS-TEA7089AFP Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
More results

Similar Description - TEA7088A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
logo
Broadcom Corporation.
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
   LOW-COST IP PHONE CHIP
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
   ENTERPRISE IP PHONE CHIP
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
logo
Littelfuse
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
   Dedicated - Recycle
Rev: 1-A-061016
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
   Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com