Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233923 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFC233923
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233923 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC233923 Datasheet HTML 2Page - Vishay Siliconix BFC233923 Datasheet HTML 3Page - Vishay Siliconix BFC233923 Datasheet HTML 4Page - Vishay Siliconix BFC233923 Datasheet HTML 5Page - Vishay Siliconix BFC233923 Datasheet HTML 6Page - Vishay Siliconix BFC233923 Datasheet HTML 7Page - Vishay Siliconix BFC233923 Datasheet HTML 8Page - Vishay Siliconix BFC233923 Datasheet HTML 9Page - Vishay Siliconix BFC233923 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MKP 339 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28138
6
Revision: 06-Oct-08
Bent back pitch: 7.5 mm (only taped); C-tol = ± 5 %
Notes
(1) Reel diameter = 356 mm, is available on request
(2) Weight for short lead product only
Pitch: 10.0 mm; C-tol = ± 20 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 339..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL (500 mm) (1)
H = 16.0 mm
P0 = 15.0 mm
SPQ
H = 16.0 mm
P0 = 15.0 mm
SPQ
Bent back pitch = 7.5 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.068
5.0 x 13.0 x 12.5
0.9
78683
1300
76683
1900
0.082
6.0 x 14.0 x 12.5
1.1
78823
1000
76823
1500
Bent back pitch = 7.5 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.1
5.0 x 13.0 x 17.5
1.0
78104
1250
76104
1100
0.12
6.0 x 14.0 x 17.5
1.4
76124
0.15
-
-
76154
800
Bent back pitch = 7.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.18
7.0 x 15.5 x 17.5
1.8
-
-
76184
700
0.22
8.5 x 17.0 x 17.5
2.4
-
-
76224
0.27
76274
550
0.33
76334
0.39
10.0 x 18.5 x 17.5
3.0
-
-
76394
500
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
LARGE REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
H = 18.5.mm
P0 = 15.0 mm
It =
3.5 + 1/- 0.5 mm
It =
5.0 ± 1.0 mm
SPQ
It =
25.0 ± 2.0 mm
SPQ
SPQ
SPQ
Pitch = 10.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
21102
23102
1000
25102
1250
27102
950
-
0.0015
21152
23152
25152
27152
0.0022
21222
23222
25222
27222
0.0033
21332
23332
25332
27332
0.0047
21472
23472
25472
27472
0.0068
21682
23682
25682
27682
0.01
21103
23103
25103
27103
0.015
21153
23153
25153
27153
0.022
21223
23223
25223
27223
0.033
21333
23333
25333
27333
0.047
21473
23473
25473
27473
0.068
5.0 x 11.0 x 12.5
0.82
21683
23683
1000
25683
1000
27683
750
0.1
6.0 x 12.0 x 12.5
1.1
20104
22104
750
24104
750
28104
600
26104
1500


Similar Part No. - BFC233923

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233920102 VISHAY-BFC233920102 Datasheet
229Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
229Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233920104 VISHAY-BFC233920104 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233920152 VISHAY-BFC233920152 Datasheet
229Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 31-Aug-09
More results

Similar Description - BFC233923

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com