Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC233921 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. BFC233921
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233921 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button BFC233921 Datasheet HTML 11Page - Vishay Siliconix BFC233921 Datasheet HTML 12Page - Vishay Siliconix BFC233921 Datasheet HTML 13Page - Vishay Siliconix BFC233921 Datasheet HTML 14Page - Vishay Siliconix BFC233921 Datasheet HTML 15Page - Vishay Siliconix BFC233921 Datasheet HTML 16Page - Vishay Siliconix BFC233921 Datasheet HTML 17Page - Vishay Siliconix BFC233921 Datasheet HTML 18Page - Vishay Siliconix BFC233921 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 06-Oct-08
15
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
CHARACTERISTICS
Capacitance as a function of ambient temperature (typical curve)
Impedance as a function of frequency (typical curve)
Tanget of loss angle as a function of frequency (typical curve)
Resonant frequency as a function of capacitance (typical curve)
Max RMS voltage as a function of frequency (typical curve)
Max. RMS current as a function of frequency (typical curve)
typical
- 50
2
- 2
- 4
- 6
0
T
amb (°C)
4
max.
min.
050
100
4700
nF
10
nF
47
nF
100
nF
470
nF
1000
nF
4.7
nF
1 nF
10
3
101
10
-2
100
f (Hz)
10
6
10
4
10
5
10
7
10
8
10-1
C >
1
µF
C ≤
10 nF
10 nF
< C
≤ 47
nF
47
nF
< C
≤ 220
nF
220
nF
< C
≤ 1
µF
103
102
101
100
101
102
103
104
105
f (Hz)
X2
102
101
100
10-1
110
100
1000
10 000
C (nF)
Tamb
≤ 110 °C
10
3
10 2
10 1
f (Hz)
10
1
10
2
10
3
10
4
10
5
470 nF
100 nF
47 nF
10 nF
1000 nF
1nF
4700 nF
4.7 nF
10
4
102
103
10
0
101
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
-1
Tamb ≤ 110 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn