Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1772-322-22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1772-322-22
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-322-22 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1772-322-22 Datasheet HTML 1Page - Vishay Siliconix F1772-322-22 Datasheet HTML 2Page - Vishay Siliconix F1772-322-22 Datasheet HTML 3Page - Vishay Siliconix F1772-322-22 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
To contact us: RFI@vishay.com
Document Number: 26502
26
Revision: 11-Jun-07
F1772-2200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X2 AC 275 V (MKT)
APPROVALS
Inbuilt discharging resistor on request (with larger case dimensions).
*
Further information about packaging quantities with different lead length and/or taped versions.
See page 16 (Document No 27608 Packing Quantities). Use Box No. as reference
** These capacitors can be delivered on continuous tape and reel - see page 14/15 (Document Number 27622).
The ordering code is
F1772-. . .-2290 at H = 16.5 mm
F1772-. . .-2291 at H = 18.5 mm
F1772-. . .-2960 at H = 16.5 mm
F1772-. . .-2961 at H = 18.5 mm
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
(for AC 250 V)
UL 1283
UL 1414
0.01 - 2.2 µFX
0.01 - 1.0 µFX
E 76297
E 100682
Canada
(for AC 250 V)
C 22.2 No. 8-M 1986
C 22.2 No. 1-M 1994
0.01 - 2.2 µFX
0.01 - 0.82 µFX
LR 64546
LR 64546-8
CB TEST-CERTIFICATE (for AC 275 V)
0.01 - 2.2 µFX2
DE 1-8790
Germany
EN 132 400; 1999-06
IEC 60384-14, 2nd edition;
1993-07, Table II + A1: 1995-06
0.01 - 2.2 µFX2
40005120
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
CAPACITANCE
TOL.
(%)
PITCH
(mm)
BOX
NO.
DIMENSIONS
W x H x L (mm)
(+ 0.2/- 0.4 mm)
WEIGHT
LEAD LENGTH
6-1 mm
(g)
QUANTITY
PACKAGE
LEAD
LENGTH
< = 6-1 mm
(pcs)**
ORDERING CODE**
0.01 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1772-310-22 . .
0.015 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1772-315-22 . .
0.022 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1772-322-22 . .
0.033 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1772-333-22 . .
0.047 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1772-347-22 . .
0.068 µFX2
± 20
15.0
49
6.0 x 12.0 x 17.9
2.0
600
F1772-368-22 . .
0.1 µFX2
± 20
15.0
49
6.0 x 12.0 x 17.9
2.0
600
F1772-410-22 . .
0.15 µFX2
± 20
22.5
09
6.3 x 14.3 x 26.3
3.3
260
F1772-415-22 . .
0.15 µFX2
± 20
15.0
08
8.3 x 14.3 x 17.8
2.7
325
F1772-415-226 .
0.22 µFX2
± 20
22.5
11
7.3 x 15.3 x 26.2
4.1
235
F1772-422-22 . .
0.22 µFX2
± 20
15.0
28
8.3 x 17.3 x 17.8
3.5
300
F1772-422-226 .
0.33 µFX2
± 20
22.5
01
8.8 x 16.8 x 26.3
5.3
190
F1772-433-22 . .
0.33 µFX2
± 20
15.0
36
13.3 x 22.3 x 17.8
7.1
185
F1772-433-226 .
0.47 µFX2
± 20
27.5
29
8.8 x 18.3 x 31.3
6.8
160
F1772-447-22 . .
0.47 µFX2
± 20
22.5
13
10.3 x 18.3 x 26.3
6.7
170
F1772-447-226 .
0.68 µFX2
± 20
27.5
14
11.0 x 20.3 x 31.3
12.9
125
F1772-468-22 . .
0.68 µFX2
± 20
22.5
38
15.3 x 26.3 x 26.3
14.3
110
F1772-468-226 .
1.0 µFX2
± 20
27.5
18
14.5 x 24.3 x 31.3
15.0
100
F1772-510-22 . .
1.0 µFX2
± 20
22.5
38
15.3 x 26.3 x 26.3
14.3
110
F1772-510-226 .
1.5 µFX2
± 20
37.5
16
14.0 x 24.3 x 41.3
18.9
80
F1772-515-22 . .
1.5 µFX2
± 20
27.5
17
16.0 x 29.3 x 31.3
20.0
85
F1772-515-226 .
2.2 µFX2
± 20
37.5
19
15.5 x 28.3 x 41.3
24.0
70
F1772-522-22 . .
2.2 µFX2
± 20
27.5
41
19.5 x 34.8 x 31.3
28.0
70
F1772-522-226 .
10


Similar Part No. - F1772-322-22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-322-20 VISHAY-F1772-322-20 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-322-22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-4000 VISHAY-F1772-4000 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC440 V (MKT)
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com