Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1722-4200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1722-4200
Description  AC-Capacitors, Suppression Capacitors Class X1 AC 400 V (MKT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1722-4200 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1722-4200 Datasheet HTML 1Page - Vishay Siliconix F1722-4200 Datasheet HTML 2Page - Vishay Siliconix F1722-4200 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
Document Number: 26542
26
Revision: 09-Feb-06
F1722-4200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X1 AC 440 V (MKT)
APPROVALS
Inbuilt discharging resistor on request (with larger case dimensions).
* Further information about packaging quantities with different lead length and/or taped versions.
See page 16 (Document No 27608 Packing Quantities). Use Box No. as reference
** These capacitors can be delivered on continuous tape and reel - see page 14/15 (Document No. 27622).
The ordering code is F1722-. . .-4290 at H = 16.5 mm
F1722-. . .-4291 at H = 18.5 mm
F1722-. . .-4961 at H = 16.5 mm
F1722-. . .-4961 at H = 18.5 mm
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
(for AC 250 V)
UL 1283
UL 1414
0.01 - 0.47 µFX
0.01 - 0.47 µFX
Pending
E100682
Canada
(for AC 250 V)
C 22.2 No. 8-M 1986
C 22.2 No. 1-M 1994
0.01 - 0.47 µFX
0.01 - 0.47 µFX
Pending
Pending
CB TEST-CERTIFICATE (for AC 440 V)
0.01 - 0.47 µFX1
DE 1-8790
Germany
EN 132 400; 1999
IEC 60384-14, 2nd edition; 1995
0.01 - 0.47 µFX1
40005095
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
CAPACITANCE
TOL.
(%)
PITCH
(mm)
BOX
NO.
DIMENSIONS
W x H x L
(+ 0.2/- 0.4 mm)
WEIGHT
(g)
QUANTITY
PACKAGE
(pcs)*
ORDERING CODE**
0.01 µFX1
± 20
15.0
05
5.3 x 10.3 x 17.8
1.4
750
F1722-310-42 . .
0.015 µFX1
± 20
15.0
49
6.0 x 12.0 x 17.9
2.0
600
F1722-315-42 . .
0.022 µFX1
± 20
15.0
07
7.3 x 13.3 x 17.9
2.0
600
F1722-322-42 . .
0.033 µFX1
± 20
15.0
08
8.3 x 14.3 x 17.8
2.7
325
F1722-333-42 . .
0.047 µFX1
± 20
22.5
09
6.3 x 14.3 x 26.3
3.3
260
F1722-347-42 . .
0.047 µFX1
± 20
15.0
28
8.3 x 17.3 x 17.8
3.5
300
F1722-347-426 .
0.068 µFX1
± 20
22.5
11
7.3 x 15.3 x 26.3
4.1
235
F1722-368-42 . .
0.068 µFX1
± 20
15.0
35
10.3 x 17.3 x 17.8
4.3
225
F1722-368-426 .
0.1 µFX1
± 20
22.5
12
8.3 x 16.3 x 26.3
4.6
200
F1722-410-42 . .
0.1 µFX1
± 20
15.0
36
13.3 x 22.3 x 17.8
4.2
185
F1722-410-426 .
0.15 µFX1
± 20
27.5
29
8.8 x 18.3 x 31.3
6.8
160
F1722-415-42 . .
0.15 µFX1
± 20
22.5
13
10.3 x 18.3 x 26.3
6.7
170
F1722-415-426 .
0.22 µFX1
± 20
27.5
14
11.0 x 20.3 x 31.3
9.1
125
F1722-422-42 . .
0.22 µFX1
± 20
22.5
27
12.3 x 19.8 x 26.3
8.7
125
F1722-422-426 .
0.33 µFX1
± 20
27.5
15
13.0 x 23.3 x 31.3
12.9
110
F1722-433-42 . .
0.33 µFX1
± 20
22.5
38
15.3 x 26.3 x 26.3
14.3
100
F1722-433-426 .
0.47 µFX1
± 20
37.5
44
12.0 x 22.3 x 41.3
15.2
90
F1722-447-42 . .
0.47 µFX1
± 20
27.5
17
16.0 x 29.3 x 31.3
20.0
85
F1722-447-426 .
10


Similar Part No. - F1722-4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1722-422-4 VISHAY-F1722-422-4 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
F1722-427-4 VISHAY-F1722-427-4 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
More results

Similar Description - F1722-4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1722-4000 VISHAY-F1722-4000 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
F17103101000 VISHAY-F17103101000 Datasheet
312Kb / 3P
   AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
Revision: 15-Oct-07
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
   AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
Revision 03-Oct-02
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com