Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6425D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA6425D
Description  VIDEO CELLULAR MATRIX
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6425D Datasheet(HTML) 3 Page - STMicroelectronics

  TEA6425D Datasheet HTML 1Page - STMicroelectronics TEA6425D Datasheet HTML 2Page - STMicroelectronics TEA6425D Datasheet HTML 3Page - STMicroelectronics TEA6425D Datasheet HTML 4Page - STMicroelectronics TEA6425D Datasheet HTML 5Page - STMicroelectronics TEA6425D Datasheet HTML 6Page - STMicroelectronics TEA6425D Datasheet HTML 7Page - STMicroelectronics TEA6425D Datasheet HTML 8Page - STMicroelectronics TEA6425D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
12
V
VI
Voltage at Pin i to GND
0, VCC
V
Toper
Operating Ambient Temperature
0, + 70
oC
Tstg
Storage Temperature
-20, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Min.
80
oC/W
ELECTRICAL CHARACTERISTICS (VCC =8V, Tamb =25
oC, VIN = 1V, Gain = 6.5dB, Cload = 20pF,
Rload = 4.7k
Ω ; Gain condition, clamp and 3-state are controlled by I2C bus, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Supply Voltage
7.2
8
8.8
V
ICC
Supply Current
45
60
mA
RR
Supply Voltage Rejection
f = 1kHz
40
46
dB
VIDEO INPUTS (clamping at bottom sync level)
VIN
Max. Signal Amplitude
Clamp Active
2
VPP
Vclamp
Clamp Level
Clamp Active
1.7
2
2.3
V
VDC
Input DC Level
Clamp Inactive
2.7
3
3.3
V
IIN
Leakage Current
1 input connected to 1 output
2
5
µA
Iclamp
Clamp Current
Vclamp - 200mV
0.9
3
mA
VIDEO OUTPUTS
ROUT
Output Resistance
15
50
ZHI
Output ”off” Impedance
no load
50
k
CHI
COUT in 3-state
no load
3
pF
G1
Voltage Gain
f = 100kHz
0
0.5
1
dB
G2
Voltage Gain
f = 100kHz
6
6.5
7
dB
Vsync
Top Level Sync (Y or CVBS)
G = 6.5dB, Clamp Active
1
1.25
2
V
Vbias
Output Mean Level (chroma)
G = 0.5dB, Clamp Inactive
G = 6.5dB, Clamp Inactive
2
3
2.4
3.4
3
4
V
V
Isolation ”off” State
f = 5MHz
60
dB
Crosstalk Attenuation between Channels
f = 5MHz
50
60
dB
B
Bandwidth
Cload = 20pF, G = 6.5dB
at
± 0.5dB
at
± 1dB
at - 3dB
5
10
21
MHz
This device is controlled via the I
2C bus. 4 ad-
dresses can be selected by a 4-level detector on
Pin 7, thus enabling parallel connection of 4 de-
vices.
Via the I
2C bus :
- The input signals can be clamped at their nega-
tive peak (top sync).
- The gain factor of the outputs can be selected
between 0.5 and 6.5dB.
- Each of the 6 inputs can be connected to the 8
outputs.
- Each output can individually be set in a high
impedance state.
Two internal SVHS mixers will add the selected Y
and C inputs. Two dedicated outputs will have the
option to select this added signal also.
FUNCTIONAL DESCRIPTION
TEA6425
3/9


Similar Part No. - TEA6425D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6425D STMICROELECTRONICS-TEA6425D Datasheet
164Kb / 10P
   VIDEO CELLULAR MATRIX
More results

Similar Description - TEA6425D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6425 STMICROELECTRONICS-TEA6425_03 Datasheet
164Kb / 10P
   VIDEO CELLULAR MATRIX
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
   AUDIO CELLULAR MATRIX
May 1996
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
   VIDEO MATRIX
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com