Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST333C08CHK0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST333C08CHK0L
Description  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333C08CHK0L Datasheet(HTML) 2 Page - Vishay Siliconix

  ST333C08CHK0L Datasheet HTML 1Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 2Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 3Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 4Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 5Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 6Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 7Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 8Page - Vishay Siliconix ST333C08CHK0L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93678
2
Revision: 15-May-08
ST333C..C Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
CURRENT CARRYING CAPABILITY
FREQUENCY
UNITS
50 Hz
1630
1420
2520
2260
7610
6820
A
400 Hz
1630
1390
2670
2330
4080
3600
1000 Hz
1350
1090
2440
2120
2420
2100
2500 Hz
720
550
1450
1220
1230
1027
Recovery voltage Vr
50
50
50
V
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current dI/dt
50
-
-
A/µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
10/0.47
10/0.47
10/0.47
Ω/µF
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
Double side (single side) cooled
720 (350)
A
55 (75)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
1435
A
Maximum peak, one half cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
11 000
t = 8.3 ms
11 500
t = 10 ms
100 % VRRM
reapplied
9250
t = 8.3 ms
9700
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
605
kA2s
t = 8.3 ms
553
t = 10 ms
100 % VRRM
reapplied
428
t = 8.3 ms
391
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
6050
kA2
√s
Maximum peak on-state voltage
VTM
ITM = 1810 A, TJ = TJ maximum, tp = 10 ms sine wave pulse
1.96
V
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.91
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
0.93
Low level value of forward slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.58
m
Ω
High level value of forward slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
0.58
Maximum holding current
IH
TJ = 25 °C, IT > 30 A
600
mA
Typical latching current
IL
TJ = 25 °C, VA = 12 V, Ra = 6 Ω, IG = 1 A
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
MIN.
MAX.
Maximum non-repetitive rate of rise
of turned on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM; ITM = 2 x dI/dt
1000
A/µs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 µs
Resistive load, gate pulse: 10 V, 5
Ω source
1.1
µs
Maximum turn-off time
tq
TJ = TJ maximum,
ITM = 550 A, commutating dI/dt = 40 A/µs
VR = 50 V, tp = 500 µs, dV/dt: See table in device code
10
30
180° el
I
TM
180° el
I
TM
100 µs
I
TM


Similar Part No. - ST333C08CHK0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST333C08CHK0LP VISHAY-ST333C08CHK0LP Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
More results

Similar Description - ST333C08CHK0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com