Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST173C12CHK1P Datasheet(PDF) 9 Page - Vishay Siliconix

Part # ST173C12CHK1P
Description  Inverter Grade Thyristors (Hockey PUK Version), 330 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173C12CHK1P Datasheet(HTML) 9 Page - Vishay Siliconix

  ST173C12CHK1P Datasheet HTML 1Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 2Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 3Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 4Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 5Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 6Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 7Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 8Page - Vishay Siliconix ST173C12CHK1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - ST173C12CHK1P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C12CHK1P IRF-ST173C12CHK1P Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST173C12CHK1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST173C VISHAY-VS-ST173C_V01 Datasheet
221Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
01-Jan-2022
VS-ST173C VISHAY-VS-ST173C Datasheet
241Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 16-Dec-13
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com