Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOGC1645DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SOGC1645DC
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC1645DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SOGC1645DC Datasheet HTML 1Page - Vishay Siliconix SOGC1645DC Datasheet HTML 2Page - Vishay Siliconix SOGC1645DC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 31507
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 21-Aug-06
325
SOGC 45, 46
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip 45 & 46 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
0.105
[2.67]
0.100 [2.54]
0.010 ± 0.005
[0.254 ± 0.127]
0.406 ± 0.012
[10.31 ± 0.305]
0.028 ± 0.010
[0.711 ± 0.254] Typ.
0.008
[0.203]
0.295
[7.49]
0.045 [1.14]
Ref.
Pin 1
0.045
[1.14]
A
0.050 [1.27]
Non-Accum. Typ.
0.018 [0.457] Typ.
B
SOGC
0.006 [0.152] Max. Typ.
GLOBAL MODEL
AB
SOGC16
0.440 [11.18]
0.350 [8.89]
SOGC20
0.540 [13.72]
0.450 [11.43]
• Test methods per MIL-STD-202
CIRCUIT APPLICATIONS
45 Schematic
TTL to ECL translator
The SOGCxx45 network consists of resistors of 3 different
values, internally divided into 6 or 8 identical three (3)
resistor sections for TTL to ECL translation.
46 Schematic
SCSI-BUS signal terminator
The SOGCxx46 network consists of resistors of 2 different
values, internally divided into 7 or 9 identical three (3)
resistor sections for SCSI-BUS terminator applications.
Ambient Temperature °C
2.0
1.6
1.0
0.10
Single Resistor
SOGC20 Pkg.
SOGC16 Pkg.
Derating
0.50
0
+ 25
+ 70
+ 125
+ 150
PERFORMANCE
TEST
MAX.
ΔR
(TYPICAL TEST LOTS)
Power Conditioning
± 0.50 %
ΔR
Thermal Shock
± 0.50 %
ΔR
Short Time Overload
± 0.25 %
ΔR
Low Temperature Operation
± 0.25 %
ΔR
Moisture Resistance
± 0.50 %
ΔR
Resistance to Soldering Heat
± 0.25 %
ΔR
Shock
± 0.25 %
ΔR
Vibration
± 0.25 %
ΔR
Load Life
± 0.50 %
ΔR
Terminal Strength
± 0.25 %
ΔR
Insulation Resistance
10 000 M
Ω (minimum)
Dielectric Withstanding
Voltage
No evidence of arcing or damage
(200 V RMS for 1 minute)
330
Ω
150
Ω
330
Ω
Pin 1
180
Ω
270
Ω
820
Ω
TTL Inputs
VCC
VCC
Pin 1
Outputs to ECL
VEE
SOGC16, SOGC20
SOGC16, SOGC20


Similar Part No. - SOGC1645DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC160010R0F VISHAY-SOGC160010R0F Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
SOGC160010R0G VISHAY-SOGC160010R0G Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
SOGC160010R0J VISHAY-SOGC160010R0J Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
SOGC160010R0S VISHAY-SOGC160010R0S Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
SOGC160010R0Z VISHAY-SOGC160010R0Z Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
More results

Similar Description - SOGC1645DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
SOMC16012K20GEA VISHAY-SOMC16012K20GEA Datasheet
133Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mount
Revision: 20-May-10
SOMC VISHAY-SOMC_V01 Datasheet
110Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com