Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST173C12CHK1LP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST173C12CHK1LP
Description  Inverter Grade Thyristors (Hockey PUK Version), 330 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173C12CHK1LP Datasheet(HTML) 5 Page - Vishay Siliconix

  ST173C12CHK1LP Datasheet HTML 1Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 2Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 3Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 4Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 5Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 6Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 7Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 8Page - Vishay Siliconix ST173C12CHK1LP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94366
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
5
ST173CPBF Series
Inverter Grade Thyristors
(Hockey PUK Version), 330 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovered Current Characteristics
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
2000
2500
3000
3500
4000
4500
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
ST173C..C Series
0.01
0.1
1
Pulse Train Duration (s)
1500
2000
2500
3000
3500
4000
4500
5000
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
ST173C..C Series
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1000
10 000
Instantaneous On-State Voltage (V)
ST173C..C Series
T
J = 25 °C
T
J = 125 °C
0.01
0.1
1
10
0.001
1
Square Wave Pulse Duration (s)
0.001
0.01
0.1
ST173C..C Series
Steady state value
R
thJ-hs = 0.17 K/W
(Single side cooled)
R
thJ-hs = 0.08 K/W
(Double side cooled)
(DC operation)
20
0
40
60
80
100
dI/dt - Rate of Fall of On-State Current (A/µs)
0
50
100
150
200
250
ST173C..C Series
T
J = 125 °C
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
20
0
20
0
40
60
80
100
40
60
80
100
120
140
160
dI/dt - Rate of Fall of Forward Current (A/µs)
ST173C..C Series
T
J = 125 °C
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A


Similar Part No. - ST173C12CHK1LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C12CHK1LP IRF-ST173C12CHK1LP Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST173C12CHK1LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST173C VISHAY-VS-ST173C_V01 Datasheet
221Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
01-Jan-2022
VS-ST173C VISHAY-VS-ST173C Datasheet
241Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 16-Dec-13
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com