Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP-5038SDE-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TIP-5038SDE-1
Description  15” Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-5038SDE-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TIP-5038SDE-1 Datasheet HTML 1Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 2Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 3Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 4Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 5Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 6Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 37072
Revision 28-Jun-01
www.vishay.com
2
TIP-5038SDE-1
Vishay Dale
FEATURES
Fast response time < 50mS
99 x 75 switch matrix, nearly 7500 switches
Fits Sharp LQ150X1DG16 and LQ1501W directly
Clear hardcoated anti-glare filter
Sealed for environmental resistance
Immune to high or changing ambient light
RS-232 interface
Pre-assembled - no assembly or disassembly required to
mount display
ORDERING INFORMATION
Touch Panel
TIP-5038SDE-1
TBDriver (Dos Driver)
280879-08
TWDriver (Windows 3.1 Driver)
280879-10
T5Driver (Windows 95/98 Driver)
280879-11
UPDD Universal Pointer Device Driver (Windows 95/98 NT, 2000, CE)
280879-12
J1 mating connector
280105-02
J4 mating connector
280108-06
J5 mating connector
280108-05
If a manual is required for TBDriver, TWDriver, T5Driver or UPDD please request at the time of ordering. These will be included as no charge items.
15” Infrared Touch Panel
DIMENSIONS in inches [millimeters]
ELECTRICAL SPECIFICATIONS
Voltage:
+ 5 VDC
± 5%
Current:
200 mA typical
Beeper Output: HC CMOS type
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0 to + 55
°C
Storage Temperature:
- 55 to + 85
°C
Relative Humidity:
10-90% non-cond.
Ambient light:
2000 foot candles
INTERFACE
Type:
RS-232 serial
Data Rate:
9600 or 19.2K baud
Word Format: 8 data bits, no parity, 1 start
bit, 1 stop bit
Touch Points: 99 x 75
11.836
4.091
0.219
9.080
12.211
12.071
11.774
11461
5.750
7.141
0.836
0.227
7.141
0.313
0.542
14.906
0.375
2.005
1.605
0.750
4.386
5.385
13.234
14.452
265
0.140
5/16” STANDOFF
PROVIDED
Ø.180 6 PLACES
10.243
5” FLEX CABLE
0.481
0.30


Similar Part No. - TIP-5038SDE-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
More results

Similar Description - TIP-5038SDE-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
DFI Inc
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
   15 Heavy Industrial Touch Panel PC
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
   The Fanless 15" True Flat Touch Panel PC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com