Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280879-08 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 280879-08
Description  Infrared Touch Panels
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280879-08 Datasheet(HTML) 6 Page - Vishay Siliconix

  280879-08 Datasheet HTML 1Page - Vishay Siliconix 280879-08 Datasheet HTML 2Page - Vishay Siliconix 280879-08 Datasheet HTML 3Page - Vishay Siliconix 280879-08 Datasheet HTML 4Page - Vishay Siliconix 280879-08 Datasheet HTML 5Page - Vishay Siliconix 280879-08 Datasheet HTML 6Page - Vishay Siliconix 280879-08 Datasheet HTML 7Page - Vishay Siliconix 280879-08 Datasheet HTML 8Page - Vishay Siliconix 280879-08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
7
TIP-3526PCS-8
Vishay Dale
Document Number: 37026
Revision 05-Dec-00
MOUNTING
The touch panel and display assembly should be mounted in
accordance with mounting instructions specified herein, and
as separately specified by the display manufacturer. The
vibration and shock specifications only apply to the complete
assembly when properly mounted in a rigid front panel.
CLEANING
The bezel is manufactured from polycarbonate which is
compatible with most cleaning agents such as alcohol, freon,
window cleaners and soap and water. Solvent type cleaning
agents should only be used for wiping and short term
immersion. Filters are made from polyester polycarbonate
or acrylic and also should withstand the above cleaning
agents. Care must be taken to avoid scratching the bezel or
filter by cleaning with abrasive or coarse cloths. While
scratches normally won't affect the function of the touch
panel, they will degrade the appearance of the end product
and make the display difficult to read.
ELECTROSTATIC CAUTION
Vishay Dale
® TIP touch panels use electrostatic sensitive
components. These assemblies should be unpacked and
handled in an ESD controlled area only. When shipping use
packing materials designed for protection of electrostatic
sensitive components.
WARRANTY
Vishay Dale
® warrants that TIP infrared touch panels will be
free from defects in materials and workmanship, and that
they will function substantially to these specifications. The
TIP touch panels are warranted for one year from shipment
from Vishay Dale
®. Cosmetic defects (bezel and filter
scratches and blemishes) are not warranted unless they
are present when the product is first delivered from Vishay
Dale Electronics, Inc. Bezel/filter assemblies with cosmetic
defects must be returned within 30 days of delivery.
DIMENSIONS in inches [millimeters]
Detail A
See Detail A
3 inch [76.20]
Cable
.375 [9.525]
Max.
Component Height
.5 [12.70] Max.
Bezel
.062 [1.575] PC Board Material
.062 [1.575] Spacer
.062 [1.575] Bracket
.1875 [4.763]
Thru Hole Standoff
.100
[2.54]
Gasket
.010 [.254]
Ref.
Compressed
.140
[3.556]
.367
[9.322]
Ref.
.235
[5.97]
Ref.
INITIALIZATION/OPERATION - EXAMPLE
In the following example the touch panel is initialized to
report coordinates only when a stylus is entered into the
touch panel.
The touch panel is enabled by default, and coordinate
reporting is not desired unless requested, so AUTOMATIC
REPORTING is left disabled by default. It is assumed that
the baud rate has been jumper selected.
As a result the touch panel must be continuously polled with
REQUEST ONE COORDINATE REPORT (2B) to determine
if an enter point coordinate report is available. When a
report is available, it will be sent to the host. If no report is
available, the touch panel will send code 48 (hex) to the
host.
The purchaser must return the defective or nonconforming
goods to Vishay Dale
® not later than 30 days after Vishay
Dale's
® issuance of an RMA number. No goods are to be
returned without issuance of an RMA number. For a RMA
number, contact the Vishay Dale's
® customer service
department with the model number(s) and original purchase
order number(s). When returning goods for repair, please
include a brief description of the problem, and mark the
outside of the shipping container with the RMA number. The
Buyer shall prepay transportation charges, and Vishay Dale
®
shall pay for the return of the goods to the buyer.
The warranty does not apply in cases of improper or
inadequate installation or maintenance by the Buyer,
unauthorized modification of the product, operation of the
product outside their environmental specifications, neglect or
abuse of the product. This warranty is not the full warranty,
and should not be interpreted as a substitute for the full
warranty.
ACTION
Enables ENTER point mode
Request report
No report is available
Request report
A stylus entered the touch panel. The
coordinates are X29 and Y18
(decimal) (See Touch Point Format)
Request report
No report is available
HOST
Send 22
Send 2B
Send 2B
Send 2B
TOUCH PANEL
Send 48
Send 42, 1D, 12
Send 48


Similar Part No. - 280879-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280879-08 VISHAY-280879-08 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
280879-08 VISHAY-280879-08 Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
280879-08 VISHAY-280879-08 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
280879-08 VISHAY-280879-08 Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
280879-08 VISHAY-280879-08 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
More results

Similar Description - 280879-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP VISHAY-TIP Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP-4735SEE VISHAY-TIP-4735SEE Datasheet
125Kb / 7P
   14” Infrared Touch Pane
Revision 20-Nov-03
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
logo
STMicroelectronics
FTG2-SLP STMICROELECTRONICS-FTG2-SLP Datasheet
763Kb / 5P
   Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
May 2022 Rev 1
logo
PHOENIX CONTACT
7313 PHOENIX-7313 Datasheet
355Kb / 17P
   Touch panels with STN/FSTN or TFT display
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com