Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N80L-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N80L-TA3-T
Description  2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80L-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  3N80L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 3N80L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 3N80L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 3N80L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 3N80L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 3N80L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-283,a
2.5 Amps, 800 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 3N80 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* RDS(ON)=3.8Ω @VGS=10 V
* Ultra low gate charge ( typical 19 nC )
* Low reverse transfer capacitance ( CRSS = typical 11 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
3.Gate
1.Source
2.Drain
Lead-free:
3N80L
Halogen-free: 3N80G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
3N80-TA3-T
3N80L-TA3-T
3N80G-TA3-T
TO-220
G
D
S
Tube
3N80-TF3-T
3N80L-TF3-T
3N80G-TF3-T
TO-220F
G
D
S
Tube


Similar Part No. - 3N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80L-TA3-T UTC-3N80L-TA3-T Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80L-TA3-T UTC-3N80L-TA3-T Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80L-TA3-T UTC-3N80L-TA3-T Datasheet
260Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
   9 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
   3 Amps, 800 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com