Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR31BX102BDWM Datasheet(PDF) 8 Page - Vishay Siliconix

Part # CDR31BX102BDWM
Description  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR31BX102BDWM Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button CDR31BX102BDWM Datasheet HTML 3Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 4Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 5Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 6Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 7Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 8Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 9Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 10Page - Vishay Siliconix CDR31BX102BDWM Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CDR-MIL-PRF-55681
Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
Vishay Vitramon
Document Number: 45026
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
135
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)
CDR32BP
CDR32BP102B_ _ _
102
1000
F, J, K
BP
100
CDR32BP112A_ _ _
112
1100
F, J, K
BP
50
CDR32BP122A_ _ _
122
1200
F, J, K
BP
50
CDR32BP132A_ _ _
132
1300
F, J, K
BP
50
CDR32BP152A_ _ _
152
1500
F, J, K
BP
50
CDR32BP162A_ _ _
162
1600
F, J, K
BP
50
CDR32BP182A_ _ _
182
1800
F, J, K
BP
50
CDR32BP202A_ _ _
202
2000
F, J, K
BP
50
CDR32BP222A_ _ _
222
2200
F, J, K
BP
50
CDR32BX
CDR32BX472B_ _ _
472
4700
K, M
BX
100
CDR32BX562B_ _ _
562
5600
K, M
BX
100
CDR32BX682B_ _ _
682
6800
K, M
BX
100
CDR32BX822B_ _ _
822
8200
K, M
BX
100
CDR32BX103B_ _ _
103
10 000
K, M
BX
100
CDR32BX123B_ _ _
123
12 000
K, M
BX
100
CDR32BX153B_ _ _
153
15 000
K, M
BX
100
CDR32BX183A_ _ _
183
18 000
K, M
BX
50
CDR32BX223A_ _ _
223
22 000
K, M
BX
50
CDR32BX273A_ _ _
273
27 000
K, M
BX
50
CDR32BX333A_ _ _
333
33 000
K, M
BX
50
CDR32BX393A_ _ _
393
39 000
K, M
BX
50
CDR33BP
CDR33BP102B_ _ _
102
1000
F, J, K
BP
100
CDR33BP112B_ _ _
112
1100
F, J, K
BP
100
CDR33BP122B_ _ _
122
1200
F, J, K
BP
100
CDR33BP132B_ _ _
132
1300
F, J, K
BP
100
CDR33BP152B_ _ _
152
1500
F, J, K
BP
100
CDR33BP162B_ _ _
162
1600
F, J, K
BP
100
CDR33BP182B_ _ _
182
1800
F, J, K
BP
100
CDR33BP202B_ _ _
202
2000
F, J, K
BP
100
CDR33BP222B_ _ _
222
2200
F, J, K
BP
100
CDR33BP242A_ _ _
242
2400
F, J, K
BP
50
CDR33BP272A_ _ _
272
2700
F, J, K
BP
50
CDR33BP302A_ _ _
302
3000
F, J, K
BP
50
CDR33BP332A_ _ _
332
3300
F, J, K
BP
50
CDR33BX
CDR33BX153B_ _ _
153
15 000
K, M
BX
100
CDR33BX183B_ _ _
183
18 000
K, M
BX
100
CDR33BX223B_ _ _
223
22 000
K, M
BX
100
CDR33BX273B_ _ _
273
27 000
K, M
BX
100
CDR33BX393A_ _ _
393
39 000
K, M
BX
50
CDR33BX473A_ _ _
473
47 000
K, M
BX
50
CDR33BX563A_ _ _
563
56 000
K, M
BX
50
CDR33BX683A_ _ _
683
68 000
K, M
BX
50
CDR33BX823A_ _ _
823
82 000
K, M
BX
50
CDR33BX104A_ _ _
104
100 000
K, M
BX
50


Similar Part No. - CDR31BX102BDWM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31BX102B AVX-CDR31BX102B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BX102B--- KSS-CDR31BX102B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR31BX102B3W4 KEMET-CDR31BX102B3W4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
Vishay Siliconix
CDR31BX102BFURAJ VISHAY-CDR31BX102BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
logo
Kemet Corporation
CDR31BX102BKSR-R KEMET-CDR31BX102BKSR-R Datasheet
62Kb / 1P
   SMD Mil PRF55681, Ceramic, Military/High Reliability, 1000 pF, 10%, 100 VDC, BX, R (0.01%/1000 Hrs), 0805
More results

Similar Description - CDR31BX102BDWM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com