Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB30H150CT-1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SB30H150CT-1
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB30H150CT-1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SB30H150CT-1 Datasheet HTML 1Page - Vishay Siliconix SB30H150CT-1 Datasheet HTML 2Page - Vishay Siliconix SB30H150CT-1 Datasheet HTML 3Page - Vishay Siliconix SB30H150CT-1 Datasheet HTML 4Page - Vishay Siliconix SB30H150CT-1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - SB30H150CT-1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB30-03F SANYO-SB30-03F Datasheet
78Kb / 3P
   30V, 3A Rectifier
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
   30V, 3A Rectifier
SB30-03T SANYO-SB30-03T Datasheet
80Kb / 3P
   30V, 3A Rectifier
SB30-03Z SANYO-SB30-03Z Datasheet
70Kb / 2P
   30V, 3A Rectifier
SB30-04A SANYO-SB30-04A Datasheet
61Kb / 3P
   40V, 3.0A Rectifier
More results

Similar Description - SB30H150CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com